Electronic Components Datasheet Search
  English  ▼

X  

MXR7900DF Datasheet(PDF) 4 Page - MEMSIC Semiconductor (Tianjin) Co., Ltd.

Part # MXR7900DF
Description  Low Cost, High Performance 짹1.0 g Dual-Axis Accelerometer with Ratiometric Outputs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEMSIC [MEMSIC Semiconductor (Tianjin) Co., Ltd.]
Direct Link  http://www.memsic.com/
Logo MEMSIC - MEMSIC Semiconductor (Tianjin) Co., Ltd.

MXR7900DF Datasheet(HTML) 4 Page - MEMSIC Semiconductor (Tianjin) Co., Ltd.

  MXR7900DF Datasheet HTML 1Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXR7900DF Datasheet HTML 2Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXR7900DF Datasheet HTML 3Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXR7900DF Datasheet HTML 4Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXR7900DF Datasheet HTML 5Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXR7900DF Datasheet HTML 6Page - MEMSIC Semiconductor (Tianjin) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MEMSIC MXR7900A/C/D Rev.A
Page 4 of 6
4/09/2009
THEORY OF OPERATION
The MEMSIC device is a complete dual-axis acceleration
measurement system fabricated on a monolithic CMOS IC
process. The device operation is based on heat transfer by
natural convection and operates like other accelerometers
having a proof mass except it is a gas in the MEMSIC
sensor.
A single heat source, centered in the silicon chip is
suspended across a cavity. Equally spaced
aluminum/polysilicon thermopiles (groups of
thermocouples) are located equidistantly on all four sides of
the heat source (dual axis). Under zero acceleration, a
temperature gradient is symmetrical about the heat source,
so that the temperature is the same at all four thermopiles,
causing them to output the same voltage.
Acceleration in any direction will disturb the temperature
profile, due to free convection heat transfer, causing it to be
asymmetrical. The temperature, and hence voltage output
of the four thermopiles will then be different. The
differential voltage at the thermopile outputs is directly
proportional to the acceleration. There are two identical
acceleration signal paths on the MXR7900A/C/D, one to
measure acceleration in the x-axis and one to measure
acceleration in the Y-axis. For more details visit the
MEMSIC website at www.memsic.com for a
picture/graphic description of the free convection heat
transfer principle.
MXR7900A/C/D PIN DESCRIPTIONS
VDD – This is the supply input for the circuits and the sensor
heater in the accelerometer. The DC voltage should be
between 4.5 and 5.25 volts. Refer to the section on PCB
layout and fabrication suggestions for guidance on external
parts and connections recommended.
GND– This is the ground pin for the accelerometer.
TP- This pin should be connected to the ground.
Xout – This pin is the output of the x-axis acceleration
sensor. The user should ensure the load impedance is
sufficiently high as to not source/sink >100
μA typical.
While the sensitivity of this axis has been programmed at
the factory to be the same as the sensitivity for the y-axis,
the accelerometer can be programmed for non-equal
sensitivities on the x- and y-axes. Contact the factory for
additional information.
Yout –
This pin is the output of the y-axis acceleration
sensor. The user should ensure the load impedance is
sufficiently high as to not source/sink >100
μA typical.
While the sensitivity of this axis has been programmed at
the factory to be the same as the sensitivity for the x-axis,
the accelerometer can be programmed for non-equal
sensitivities on the x- and y-axes. Contact the factory for
additional information.
CLK – This is an optional serial clock input. The standard
product is delivered with an internal clock (1000 kHz.
However, an external clock between 400 kHz and 1.6 MHz
can be used as an option, if the sensor is programmed from
the factory to run in external clock mode.
This pin is grounded internally with a 50 Kohm resistor if
an external clock is used it should be able to drive this load.
But if external clock is not used, in order to minimize noise
and ESD this pin should be grounded externally as well.
STIN– Self –Test Input
This pin controls the self-test function of the sensor
.
Bringing STIN high will cause a negative deflection around
-1g signal to the Xout and Yout from the 0g value.
DISCUSSION OF TILT APPLICATIONS AND
RESOLUTION
Tilt Applications: One of the most popular applications of
the MEMSIC accelerometer product line is in
tilt/inclination measurement. An accelerometer uses the
force of gravity as an input to determine the inclination
angle of an object.
A MEMSIC accelerometer is most sensitive to changes in
position, or tilt, when the accelerometer’s sensitive axis is
perpendicular to the force of gravity, or parallel to the
Earth’s surface. Similarly, when the accelerometer’s axis is
parallel to the force of gravity (perpendicular to the Earth’s
surface), it is least sensitive to changes in tilt.
Following table and figure help illustrate the output changes
in the X- and Y-axes as the unit is tilted from +90
° to 0°.
Notice that when one axis has a small change in output per
degree of tilt (in m
g), the second axis has a large change in
output per degree of tilt. The complementary nature of
these two signals permits low cost accurate tilt sensing to be
achieved with the MEMSIC device (reference application
note AN-00MX-007).
X-Axis
Y-Axis
X-Axis
Orientation
To Earth’s
Surface
(deg.)
X Output
(
g)
Change
per deg.
of tilt
(m
g)
Y Output
(
g)
Change
per deg.
of tilt
(m
g)
90
-1.000
0.15
0.000
17.45
85
-0.996
1.37
0.087
17.37
80
-0.985
2.88
0.174
17.16
70
-0.940
5.86
0.342
16.35
60
-0.866
8.59
0.500
15.04
45
-0.707
12.23
0.707
12.23
30
-0.500
15.04
0.866
8.59
20
-0.342
16.35
0.940
5.86
10
-0.174
17.16
0.985
2.88
5
-0.087
17.37
0.996
1.37
0
0.000
17.45
1.000
0.15
Changes in Tilt for X- and Y-Axes



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com