Electronic Components Datasheet Search
  English  ▼

X  

MXR7900DF Datasheet(PDF) 1 Page - MEMSIC Semiconductor (Tianjin) Co., Ltd.

Part # MXR7900DF
Description  Low Cost, High Performance 짹1.0 g Dual-Axis Accelerometer with Ratiometric Outputs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEMSIC [MEMSIC Semiconductor (Tianjin) Co., Ltd.]
Direct Link  http://www.memsic.com/
Logo MEMSIC - MEMSIC Semiconductor (Tianjin) Co., Ltd.

MXR7900DF Datasheet(HTML) 1 Page - MEMSIC Semiconductor (Tianjin) Co., Ltd.

  MXR7900DF Datasheet HTML 1Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXR7900DF Datasheet HTML 2Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXR7900DF Datasheet HTML 3Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXR7900DF Datasheet HTML 4Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXR7900DF Datasheet HTML 5Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXR7900DF Datasheet HTML 6Page - MEMSIC Semiconductor (Tianjin) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MEMSIC MXR7900A/C/D Rev.A
Page 1 of 6
4/09/2009
Low Cost, High Performance
±1.0 g Dual-Axis Accelerometer
with Ratiometric Outputs
MXR7900A/C/DF
FEATURES
Dual axis accelerometer fabricated on a single CMOS IC
Monolithic design with mixed mode signal processing
RoHS compliant
On-chip sensitivity compensation for temperature variations
On Demand Self Test
900mV/g sensitivity
Independent axis programmability (special order)
Resolution better than 1mg
19Hz bandwidth
>50,000 g shock survival rating
4.50V to 5.25V single supply operation
Small surface mount package, 5mm x 5mm x 2mm
APPLICATION
Automotive – Roll over sensing, VSC/EPB application
VDD
Vref
CLK
CLK
CLKTEMP
TEMP
CLK
CLK TEMP CLK
CLK
Temp
Comp.
Temp
Comp.
X axis
Y axis
CLK
Heater
Control
TEMP
No
Connection
No
Connection
Xout
Yout
Low Pass
A/D
Temperature
Sensor
Internal
Oscillator
Coarse
Gain Adj.
Fine Gain
Adj.
GND
Acceleration
Sensor
Coarse
Gain Adj.
Fine Gain
Adj.
CLK
D/A
Filter
Vref
Buf.
CLK
CLK
Low Pass
A/D
CLK
D/A
Filter
Vref
Buf.
STin
CLK
MXR7900A/C/D FUNCTIONAL BLOCK DIAGRAM
GENERAL DESCRIPTION
The MXR7900A/C/DF is a low cost, dual axis
accelerometer built on a standard, submicron CMOS
process. It measures acceleration with a sensitivity of
900mV/g.
The MXR7900A/C/DF provides a g-proportional
ratiometric analog output above/below the zero-g point at
50% of the supply voltage.
(Ref. other MEMSIC datasheets for absolute analog or
digital outputs).
The typical noise floor is 0.3mg / Hz , allowing signals
below 1mg to be resolved at 1Hz bandwidth. The 3dB roll-
off of the device occurs at 17Hz.
The MXR7900A/C/D is available in a low profile LCC
surface mount package (5mm x 5mm 2mm). It is
hermetically sealed and operational over a -30
°C to +105°C
temperature range.
It can measure both dynamic acceleration (e.g., vibration)
and static acceleration (e.g., gravity).
The design is based on heat convection and requires no
solid proof mass. This eliminates stiction and particle
problems associated with competitive devices and provide
shock survival greater than 50,000 g, leading to
significantly lower failure rates and lower loss due to
handling during assembly and at customer field application.
Due to the standard CMOS structure of the
MXR7900A/C/D, additional circuitry can easily be
incorporated into custom versions for high volume
applications. Contact Memsic’s local office for more
information.
Information furnished by MEMSIC is believed to be accurate and reliable.
However, no responsibility is assumed by MEMSIC for its use, nor for any
infringements of patents or other rights of third parties, which may result from
its use. No license is granted by implication or otherwise under any patent or
patent rights of MEMSIC.
©MEMSIC, Inc.
One Technology Drive, Suite 325, Andover, MA01810, USA
Tel: +1 978 738 0900
Fax: +1 978 738 0196
www.memsic.com


Similar Part No. - MXR7900DF

ManufacturerPart #DatasheetDescription
logo
MEMSIC Semiconductor (T...
MXR7999V MEMSIC-MXR7999V Datasheet
95Kb / 6P
Low Cost 짹1.7 g Dual-Axis Accelerometer with Ratiometric Outputs
Rev.A
MXR7999VF MEMSIC-MXR7999VF Datasheet
95Kb / 6P
Low Cost 짹1.7 g Dual-Axis Accelerometer with Ratiometric Outputs
Rev.A
MXR7999VW MEMSIC-MXR7999VW Datasheet
367Kb / 6P
Low Cost Dual-Axis Accelerometer with Ratiometric Outputs
Rev C
More results

Similar Description - MXR7900DF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MXR7311GL ETC1-MXR7311GL Datasheet
404Kb / 7P
Low Cost, Low Noise 짹2 g Dual Axis Accelerometer with Ratiometric Analog Outputs
MXA2500J ETC1-MXA2500J Datasheet
255Kb / 8P
Ultra Low Cost, 짹1.0 g Dual Axis Accelerometer with Absolute Outputs
MXR2312G ETC1-MXR2312G Datasheet
821Kb / 6P
Improved, Ultra Low Noise 짹2 g Dual Axis Accelerometer with Ratiometric Outputs
MXR7202G ETC1-MXR7202G Datasheet
220Kb / 8P
Low Cost, Low Noise 짹2 g Dual Axis Accelerometer with Ratiometric Analog Outputs
MXR7210G ETC1-MXR7210G Datasheet
104Kb / 8P
Low Cost, Low Noise 짹10 g Dual Axis Accelerometer with Ratiometric Analog Outputs
MXR9500G ETC1-MXR9500G Datasheet
243Kb / 5P
Low Cost 짹1.5 g Tri Axis Accelerometer with Ratiometric Outputs
logo
MEMSIC Semiconductor (T...
MXR2999G MEMSIC-MXR2999G Datasheet
179Kb / 6P
Improved 짹1 g Dual Axis Accelerometer with Ratiometric Outputs
Rev.G
MXR7305VF MEMSIC-MXR7305VF Datasheet
121Kb / 6P
Improved Low Cost 짹5 g Dual-Axis Accelerometer with Ratiometric Analog Outputs
Rev.A
MXR7999V MEMSIC-MXR7999V Datasheet
95Kb / 6P
Low Cost 짹1.7 g Dual-Axis Accelerometer with Ratiometric Outputs
Rev.A
MXR7999VW MEMSIC-MXR7999VW Datasheet
367Kb / 6P
Low Cost Dual-Axis Accelerometer with Ratiometric Outputs
Rev C
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com