Electronic Components Datasheet Search
  English  ▼

X  

MXR7900DF Datasheet(PDF) 5 Page - MEMSIC Semiconductor (Tianjin) Co., Ltd.

Part # MXR7900DF
Description  Low Cost, High Performance 짹1.0 g Dual-Axis Accelerometer with Ratiometric Outputs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEMSIC [MEMSIC Semiconductor (Tianjin) Co., Ltd.]
Direct Link  http://www.memsic.com/
Logo MEMSIC - MEMSIC Semiconductor (Tianjin) Co., Ltd.

MXR7900DF Datasheet(HTML) 5 Page - MEMSIC Semiconductor (Tianjin) Co., Ltd.

  MXR7900DF Datasheet HTML 1Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXR7900DF Datasheet HTML 2Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXR7900DF Datasheet HTML 3Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXR7900DF Datasheet HTML 4Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXR7900DF Datasheet HTML 5Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXR7900DF Datasheet HTML 6Page - MEMSIC Semiconductor (Tianjin) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MEMSIC MXR7900A/C/D Rev.A
Page 5 of 6
4/09/2009
Resolution: The accelerometer resolution is limited by
noise. The output noise will vary with the measurement
bandwidth. With the reduction of the bandwidth, by
applying an external low pass filter, the output noise drops.
Reduction of bandwidth will improve the signal to noise
ratio and the resolution. The output noise scales directly
with the square root of the measurement bandwidth. The
maximum amplitude of the noise, its peak- to- peak value,
approximately defines the worst case resolution of the
measurement. With a simple RC low pass filter, the rms
noise is calculated as follows:
Noise (mg rms) = Noise(mg/ Hz ) *
)
6
.
1
*
)
(
(
Hz
Bandwidth
The peak-to-peak noise is approximately equal to 6.6 times
the rms value (for an average uncertainty of 0.1%).
2
nd SOFTWARE COMPENSATAION
1.Block Diagram
2.Components:
2.1 Temperature Sensor
Any type of sensor which can have at least +/-3
°C
accuracy over -40~125
°C temperature range, one
possible choice is TMP141 from Texas
Instruments.
Also, the temperature sensor need to be mounted
as close as to MXR7900xF part as possible to
sense the temperature correctly.
2.2 Capacitor
C1: Grade higher than X7R, at least 0.22uF
capacitor
C2: 10uF electrolytic, Low-ESR capacitor
Both the two capacitors need to be soldered as
close as to the VDD pin, since the internal heater is
in PWM (1MHz) control mode, with all VDD on the
heater at some portion of the time, by using larger
value capacitor can minimize the induced noise on
the outputs.
2.3 MCU
Anyway type of MCU with 2 of 12bits A/D port is
OK.
3.
Part Identity Reading
3.1 Digital Switching Characteristics
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
td7
Rising edge of
CLK to rising
edge of TP
2.0
ns
td8
Rising edge of TP
to valid data out
10.0
ns
STin
Frequency
1
800
KHz
Note: Total delay time of td7+td8 should be less than half
of cycling time of STin signal to make sure the data can be
read out correctly at the falling edge of the STin signal.
3.2 Digital Parameters
SYM
BOL
PARAMETER
MIN
TYP
MAX
UNITS
VIH
High Level Input Voltage
VDD -.5
Volts
VIL
Low Level Input Voltage
0.5
Volts
IIL
Input Leakage, All Inputs
1.0
uA
VOH
High Level Output Voltage
VDD -.5
Volts
VOL
Low Level Output Voltage
0.5
Volts
3.3 Waveform
3.4 Identity code number
After the first rising edge of the STin, the first bit of the
identity code will be appeared at pin Yout with a time
td8 delay and exists for the whole STin cycle, the
second bit of the identity code will be appeared at pin
Yout after the second rising edge of STin, etc.
There are totally 72bits, MEMSIC will use the 72bits
data to identify each device, and provide its offset,
sensitivity and selftest at 25
°C with the identity code.
MXR7900A
CLK
STin
Yout
Xout
VDD
GND
MCU
A/D
A/D
I/O
I/O
I/O
TEMP
I/O
C1
C2
CLK
STin
Yout
Timing for Identity Code



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com