Electronic Components Datasheet Search
  English  ▼

X  

AD7658 Datasheet(PDF) 20 Page - Analog Devices

Part # AD7658
Description  250 kSPS, 6-Channel,Simultaneous Sampling, Bipolar 12/14/16-Bit ADC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7658 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD7658 Datasheet HTML 16Page - Analog Devices AD7658 Datasheet HTML 17Page - Analog Devices AD7658 Datasheet HTML 18Page - Analog Devices AD7658 Datasheet HTML 19Page - Analog Devices AD7658 Datasheet HTML 20Page - Analog Devices AD7658 Datasheet HTML 21Page - Analog Devices AD7658 Datasheet HTML 22Page - Analog Devices AD7658 Datasheet HTML 23Page - Analog Devices AD7658 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
AD7658/AD7657/AD7656
Preliminary Technical Data
Rev. PrI | Page 20 of 25
V1
V2
V5
CS
DOUTA
DOUTB
48
V3
V4
V6
SCLK
Figure 10. Serial Interface with two DOUT lines.
Serial Read Operation
Figure 11 shows the timing diagram for reading data from the
AD7658/AD7657/AD7656 in serial mode. The SCLK input
signal provides the clock source for the serial interface. The CS
signal goes low to access data from the
AD7658/AD7657/AD7656. The falling edge of CS takes the bus
out of three-state and clocks out the MSB of the 12/14/16-bit
conversion result. The ADCs output 16- bits for each conversion
result. The data stream of the AD7658 consists of four leading
zeros followed by 12 bits of conversion data provided MSB first;
the data stream of the AD7657 consists of two leading zeros,
followed by the 14-bits of conversion data provided MSB first;
the data stream of the AD7656 consists of sixteen bits of
conversion data provided MSB first. The first bit of the
conversion result is valid on the first SCLK falling edge after the
CS falling edge. The subsequent 15 data bits of the data are
clocked out on rising edge of the SCLK signal. Data is valid on
the SCLK falling edge. Sixteen clock pulses must be provided to
the AD7658/AD7657/AD7656 to access each conversion result.
Figure 11 shows how a 16 SCLK read is used to access the
conversion results.
tCONV
tACQ
tQUIET
t1
t17
t18
t19
t20
t21
t23
CONVST A/B/C
BUSY
ACQUISITION
CONVERSION
ACQUISITION
SCLK
CS
DOUT A/B/C
DB15
DB14
DB13
DB1
DB0
Figure 11. Serial Read Operation
Daisy-Chain Mode(DCEN =1, SER/PAR = 1)
When reading conversion data back from the
AD7658/AD7657/AD7656 using the three/two DOUT pins it is
possible to Configure the AD7658/AD7657/AD7656 to operate
in Daisy-Chain Mode, using the DCEN pin. This Daisy-Chain
feature allows multiple AD7658/AD7657/AD7656 devices to be
cascaded together. This feature is useful for reducing
component count and wiring connections. An example
connection of two devices is shown in Figure 12, this
configuration shows two DOUT lines being used. Simultaneous
sampling of the 12 Analog Inputs is possible by using a
common CONVST signal. The DB5, DB4 and DB3 data pins are
used as Data input pins, DCIN[A:C], for the Daisy-Chain Mode.
The rising edge of CONVST is used to initiate a conversion on
the AD7658/AD7657/AD7656. After the BUSY signal has gone
low to indicate the conversion is complete the user can begin to
read the data from the two devices. Figure 13 shows the serial
timing diagram when operating two AD7658/AD7657/AD7656



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com