Electronic Components Datasheet Search
  English  ▼

X  

AD7658 Datasheet(PDF) 24 Page - Analog Devices

Part # AD7658
Description  250 kSPS, 6-Channel,Simultaneous Sampling, Bipolar 12/14/16-Bit ADC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7658 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD7658 Datasheet HTML 17Page - Analog Devices AD7658 Datasheet HTML 18Page - Analog Devices AD7658 Datasheet HTML 19Page - Analog Devices AD7658 Datasheet HTML 20Page - Analog Devices AD7658 Datasheet HTML 21Page - Analog Devices AD7658 Datasheet HTML 22Page - Analog Devices AD7658 Datasheet HTML 23Page - Analog Devices AD7658 Datasheet HTML 24Page - Analog Devices AD7658 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
AD7658/AD7657/AD7656
Preliminary Technical Data
Rev. PrI | Page 24 of 25
APPLICATION HINTS
Layout
The printed circuit board that houses the AD7656 should be
designed so the analog and digital sections are separated and
confined to certain areas of the board. This facilitates the use of
ground planes that can be easily separated. Digital and analog
ground planes should be joined in only one place, preferably
underneath the AD7656, or, at least, as close as possible to the
AD7656. If the AD7656 is in a system where multiple devices
require analog to digital ground connections, the connection
should still be made at one point only, a star ground point,
which should be established as close as possible to the AD7656.
It is recommended to avoid running digital lines under the
device as these will couple noise onto the die. The analog
ground plane should be allowed to run under the AD7656 to
avoid noise coupling. Fast switching signals like CONVST or
clocks should be shielded with digital ground to avoid radiating
noise to other sections of the board and should never run near
analog signal paths. Crossover of digital and analog signals
should be avoided. Traces on different but close layers of the
board should run at right angles to each other. This will reduce
the effect of feedthrough through the board.
The power supply lines to the AD7656 should use as large a
trace as possible to provide low impedance paths and reduce
the effect of glitches on the power supply lines. Good
decoupling is also important to lower the supplies impedance
presented to the AD7656 and to reduce the magnitude of the
supply spikes. Decoupling ceramic capacitors, typically 100 nF,
should be placed on all of the power supply pins, power
supplies pins VDD, VSS, AVCC, DVCC, and VDRIVE. The decoupling
capacitors should be placed close to, and ideally right up
against, these pins and their corresponding ground pins.
Additionally, low ESR 10 µF capacitors should be located in the
vicinity of the ADC to further reduce low frequency ripple.
The decoupling capacitors should be close to the ADC and
connected with short and large traces to minimize parasitic
inductances.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com