Electronic Components Datasheet Search
  English  ▼

X  

LM4681 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4681
Description  10 Watt Stereo CLASS D Audio Power Amplifier with Stereo Headphone Amplifier and I2C/SPI Volume Control
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4681 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4681 Datasheet HTML 1Page - National Semiconductor (TI) LM4681 Datasheet HTML 2Page - National Semiconductor (TI) LM4681 Datasheet HTML 3Page - National Semiconductor (TI) LM4681 Datasheet HTML 4Page - National Semiconductor (TI) LM4681 Datasheet HTML 5Page - National Semiconductor (TI) LM4681 Datasheet HTML 6Page - National Semiconductor (TI) LM4681 Datasheet HTML 7Page - National Semiconductor (TI) LM4681 Datasheet HTML 8Page - National Semiconductor (TI) LM4681 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
LM4681
10 Watt Stereo CLASS D Audio Power Amplifier with
Stereo Headphone Amplifier and I
2C/SPI Volume Control
General Description
The LM4681 is a fully integrated single supply, CLASS D
audio power amplifier solution. The LM4681 utilizes a pro-
prietary balanced pulse-width modulation technique that low-
ers output noise and THD and improves PSRR when com-
pared to conventional pulse width modulators.
The LM4681 also features a stereo headphone amplifier that
delivers 80mW into a 32
Ω headset with less than 0.5% THD.
The LM4681’s I
2C/SPI (selectable) volume control has a
+30dB to –48dB range when speakers are driven and a
range of +13dB to –65dB when headphones are connected.
All amplifiers are protected by thermal shutdown. Addition-
ally, the high efficiency power amplifiers have output current
limit.
With a 8
Ω load, the IC’s efficiency for a 6W power level is
85%. The IC features click and pop reduction circuitry that
minimizes audible popping during device turn-on and turn-
off. The LM4681 is available in a 48-lead LLP package, ideal
for portable and desktop computer applications.
Key Specifications
n
P
O at THD+N =10%, AV = 30dB, VDD = 14V
10W (typ)
n
THD+N at 1kHz at 1W into 8
Ω (Power Amp) 0.43% (typ)
n
Efficiency at 7W into 8
Ω
85% (min)
n
Total quiescent power supply current
50mA (typ)
n
THD+N 1kHz, 20mW, 32
Ω (Headphone)
0.02% (typ)
n
Single supply range
9.0V to 15.5V
Features
n
Pulse-width modulator.
n
I
2C/SPI (selectable) volume control
n
Stereo headphone amplifier.
n
“Click and pop” suppression circuitry.
n
Micropower shutdown mode.
n
48 lead LLP package (No heatsink required).
Applications
n
Flat Panel Displays
n
Televisions
n
Multimedia Monitors
Block Diagram
20118922
Block Diagram for LM4681
BOOMER™ is a trademark of National Semiconductor Corporation.
March 2006
© 2006 National Semiconductor Corporation
DS201189
www.national.com


Similar Part No. - LM4681

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4680 NSC-LM4680 Datasheet
754Kb / 11P
10W High-Efficiency Mono BTL Audio Power Amplifier
LM4680SD NSC-LM4680SD Datasheet
754Kb / 11P
10W High-Efficiency Mono BTL Audio Power Amplifier
LM4682 NSC-LM4682 Datasheet
1Mb / 21P
10 Watt Stereo CLASS D Audio Power Amplifier with Stereo Headphone Amplifier and DC Volume Control
LM4682SQ NSC-LM4682SQ Datasheet
1Mb / 21P
10 Watt Stereo CLASS D Audio Power Amplifier with Stereo Headphone Amplifier and DC Volume Control
More results

Similar Description - LM4681

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4663 NSC-LM4663 Datasheet
606Kb / 10P
2 Watt Stereo Class D Audio Power Amplifier with Stereo Headphone Amplifier
LM4682 NSC-LM4682 Datasheet
1Mb / 21P
10 Watt Stereo CLASS D Audio Power Amplifier with Stereo Headphone Amplifier and DC Volume Control
logo
Maxim Integrated Produc...
MAX9723 MAXIM-MAX9723 Datasheet
1Mb / 23P
Stereo DirectDrive Headphone Amplifier with BassMax, Volume Control, and I2C
Rev 1; 11/05
logo
Elite Semiconductor Mem...
AD5266 ESMT-AD5266 Datasheet
82Kb / 2P
16V STEREO CLASS-D AUDIO POWER AMPLIFIER with STEREO HEADPHONE
logo
Texas Instruments
TPA6140A2 TI-TPA6140A2 Datasheet
785Kb / 27P
CLASS-G DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6140A2 TI-TPA6140A2_15 Datasheet
1,012Kb / 30P
CLASS-G DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
STMicroelectronics
TS4621B STMICROELECTRONICS-TS4621B Datasheet
2Mb / 48P
High-performance class-G stereo headphone amplifier with I2C volume control
September 2011 Rev 2
TS4621E STMICROELECTRONICS-TS4621E Datasheet
1Mb / 32P
High-performance class-G stereo headphone amplifier with I2C volume control
September 2011 Rev 1
logo
Shenzhenshi YONGFUKANG ...
AX8703 YONGFUKANG-AX8703 Datasheet
1Mb / 16P
3W Filterless Class D Stereo Audio Power Amplifier with I2C Volume Control
logo
Maxim Integrated Produc...
MAX9723 MAXIM-MAX9723_V01 Datasheet
1Mb / 26P
Stereo DirectDrive Headphone Amplifier with BassMax, Volume Control, and I2C
19-3509; Rev 5; 2/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com