Electronic Components Datasheet Search
  English  ▼

X  

LM4681 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4681
Description  10 Watt Stereo CLASS D Audio Power Amplifier with Stereo Headphone Amplifier and I2C/SPI Volume Control
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4681 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM4681 Datasheet HTML 7Page - National Semiconductor (TI) LM4681 Datasheet HTML 8Page - National Semiconductor (TI) LM4681 Datasheet HTML 9Page - National Semiconductor (TI) LM4681 Datasheet HTML 10Page - National Semiconductor (TI) LM4681 Datasheet HTML 11Page - National Semiconductor (TI) LM4681 Datasheet HTML 12Page - National Semiconductor (TI) LM4681 Datasheet HTML 13Page - National Semiconductor (TI) LM4681 Datasheet HTML 14Page - National Semiconductor (TI) LM4681 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Typical Performance Characteristics (Continued)
Class D Amplifier Dissipation vs Load Dissipation
V
DD = 12V, RL =8
Ω
Both channels driven and measured
Class D Amplifier Dissipation vs Load Dissipation
V
DD = 15.5V, RL =8
Ω
Both channels driven and measured
20118960
20118961
Class D Amplifier Efficiency vs Total Output Power
V
DD = 9V, RL =8
Ω
Both channels driven and measured
Class D Amplifier Efficiency vs Total Output Power
V
DD = 12V, RL =8
Ω
Both channels driven and measured
20118962
20118963
Class D Amplifier Efficiency vs Total Output Power
V
DD = 15.5V, RL =8
Ω
Both channels driven and measured
Output Power vs Load Resistance
V
DD = 9V,
Upper curve = 10% THD+N, Lower curve = 1% THD+N
20118964
20118965
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com