Electronic Components Datasheet Search
  English  ▼

X  

LM4681 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4681
Description  10 Watt Stereo CLASS D Audio Power Amplifier with Stereo Headphone Amplifier and I2C/SPI Volume Control
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4681 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM4681 Datasheet HTML 11Page - National Semiconductor (TI) LM4681 Datasheet HTML 12Page - National Semiconductor (TI) LM4681 Datasheet HTML 13Page - National Semiconductor (TI) LM4681 Datasheet HTML 14Page - National Semiconductor (TI) LM4681 Datasheet HTML 15Page - National Semiconductor (TI) LM4681 Datasheet HTML 16Page - National Semiconductor (TI) LM4681 Datasheet HTML 17Page - National Semiconductor (TI) LM4681 Datasheet HTML 18Page - National Semiconductor (TI) LM4681 Datasheet HTML 19Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
Application Hints
SUPPLY BYPASSING
Correct power supply bypassing has two important goals.
The first is to reduce noise on the power supply lines and
minimize deleterious effects that the noise may cause to the
amplifier’s operation. The second is to help stabilize an
unregulated power supply and to improve the supply’s tran-
sient response under heavy current demands. These two
goals require different capacitor value ranges. Therefore,
various types and values are recommended for supply by-
passing. For noise de-coupling, generally small ceramic ca-
pacitors (0.01µF to 0.1µF) are recommended. Larger value
(1µF to 10µF) tantalum capacitors are needed for the tran-
sient current demands. These two capacitors in parallel will
do an adequate job of removing most noise from the supply
rails and providing the necessary transient current. These
capacitors should be placed as close as possible to each
IC’s supply pin(s) using leads as short as possible.
The LM4681 has two different set of V
DD pins: a set for
power V
DD (PVDD) and a set for signal VDD (SVDD). The
parallel combination of the low value ceramic (0.1µF) and
high value tantalum (10µF) should be used to bypass the
PV
DD pin. A small value (0.1µF) ceramic or tantalum can be
used to bypass the SV
DD pin.
OUTPUT STAGE FILTERING
The LM4681 requires a low pass filter connected between
the amplifier’s bridge output and the load. Figure 1 shows
the recommended LC filter. A minimum value of 27µH is
recommended. As shown in Figure 1, using the values of the
components connected between the amplifier BTL outputs
and the load achieves a 2nd-order lowpass filter response
with a -3dB cutoff frequency of 25kHz.
THD+N MEASUREMENTS AND OUT OF AUDIO BAND
NOISE
THD+N (Total Harmonic Distortion plus Noise) is a very
important parameter by which all audio amplifiers are mea-
sured. Often it is shown as a graph where either the output
power or frequency is changed over the operating range. A
very important variable in the measurement of THD+N is the
bandwidth-limiting filter at the input of the test equipment.
Class D amplifiers, by design, switch their output power
devices at a much higher frequency than the accepted audio
range (20Hz - 20kHz). Alternately switching the output volt-
age between V
DD and GND allows the LM4681 to operate at
much higher efficiency than that achieved by traditional
Class AB amplifiers. Switching the outputs at high frequency
also increases the out-of-band noise. Under normal circum-
stances the output lowpass filter significantly reduces this
out-of-band noise. If the low pass filter is not optimized for a
given switching frequency, there can be significant increase
in out-of-band noise. THD+N measurements can be signifi-
cantly affected by out-of-band noise, resulting in a higher
than expected THD+N measurement. To achieve a more
accurate measurement of THD, the test equipment’s input
bandwidth of the must be limited. Some common upper filter
points are 22kHz, 30kHz, and 80kHz. The input filter limits
the noise component of the THD+N measurement to a
smaller bandwidth resulting in a more real-world THD+N
value.
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com