Electronic Components Datasheet Search
  English  ▼

X  

IR3311 Datasheet(PDF) 3 Page - International Rectifier

Part # IR3311
Description  PROGRAMMABLE CURRENT SENSING HIGH SIDE SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3311 Datasheet(HTML) 3 Page - International Rectifier

  IR3311 Datasheet HTML 1Page - International Rectifier IR3311 Datasheet HTML 2Page - International Rectifier IR3311 Datasheet HTML 3Page - International Rectifier IR3311 Datasheet HTML 4Page - International Rectifier IR3311 Datasheet HTML 5Page - International Rectifier IR3311 Datasheet HTML 6Page - International Rectifier IR3311 Datasheet HTML 7Page - International Rectifier IR3311 Datasheet HTML 8Page - International Rectifier IR3311 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
IR3311(S)
WWW.IRF.COM
3
Symbol
Parameter
Min.
Typ.
Max. Units Test Conditions
Tdon
Turn-on delay time to Vcc-Vout= 0.9 Vcc
2
9
20
Tr1
Rise time to Vcc-Vout=5V
0.4
1.6
5
Tr2
Rise time to Vcc -Vout = 0.1Vcc
10
30
100
Eon
Turn ON energy
—
1.5
3
mJ
Tdoff
Turn-off delay to Vcc -Vout = 0.1Vcc
6
25
80
Tf
Fall time to Vcc-Vout = 0.9 Vcc
3
10
30
Eoff
Turn OFF energy
—
1
2
mJ
see figure 2
µs
see figure 3
µs
Switching Electrical Characteristics
Vcc = 14V, Resistive Load = 0.4Ω, Tj = 25
oC, (unless otherwise specified).
4) Input thresholds are measured directly between the input pin and the tab. Any parasitic resistance in common between the load
current path and the input signal path can significantly affect the thresholds.
5) Rds(on) is measured between the Tab and the Out pin, 5mm away from the package.
Protection Characteristics
Tj = 25
oC (unless otherwise specified), RIfb = 500 to 5kOhm.
Symbol
Parameter
Min.
Typ.
Max. Units
Test Conditions
VIfb -Vin
@ Isd
Over-current shutdown threshold
4
4.5
5.4
V
Tsd
Over-temp. shutdown threshold
—
165
—
°C
see Fig. 7
Treset
Protection reset time
—
50
300
µS
see Fig. 7
OV
Over voltage shutdown (not latched)
—36—
V
Isdf
Fixed over current shutdown
58
70
90
A
VIfb<Vin
Isd_1k
Adjustable over current shutdown 1K
18
24
31
A
RIfb=1k
Min.Pulse
Minimum pulse width (no WAIT state)
200
500
1200
µs
see Fig. 6
WAIT
WAIT function timer
0.5
1.2
3.5
ms
see Figs. 6 and 7
Rev.Rdson Rds(on) reverse battery protection
6
10
18
m
Ω
Vcc-Vin=-12V, Iload=10A
Symbol
Parameter
Min.
Typ.
Max. Units
Test Conditions
Iq
Total quiescent current (Iout +Ifb)
—
22
50
µA
Vcc-Vin=0, Vcc-
Vcc-VIfb=12V
Iin
Input current
1.5
4
6
mA
Vcc-Vin=14V
Vih
High level input threshold voltage (4)
—5
5.5
Vil
Low level input threshold voltage (4)
3.5
4
—
Vhys
Input hysterisis = Vih-Vil
0.4
1
1.5
Iout qs
Output quiescent current
—
9
15
µA
Vcc-Vin=0; Vcc-VIfb=0;
Vcc-Vout=12V
Rds1 on
ON state resistance (5)
5
9
12
Iout=30A, Vcc-Vin=14V
Rds2 on
ON state resistance (5)
5
9.5
17
Iout=17A, Vcc -Vin=6V
Rds3 on
ON state resistance (5)
10
17
23
Iout=30A, Tj = 150oC
Vclamp1
Vcc to Vout active clamp voltage
30
35
—
Iout = 10mA
Vclamp2
Vcc to Vout active clamp voltage
—
36
40
Iout=30A,Vcc-VIfb<20V
Vsd
Body diode forward voltage
—
0.85
1
Iout=5A
Vaval.
Vcc to Vout avalanche voltage
40
43
50
Iout=100mA,Vcc-Vfb>
Static Electrical Characteristics
(Tj = 25
oC, Vcc = 14V unless otherwise specified.)
Vout=12V
V
m
Ω
V
35V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com