Electronic Components Datasheet Search
  English  ▼

X  

IR3311 Datasheet(PDF) 6 Page - International Rectifier

Part # IR3311
Description  PROGRAMMABLE CURRENT SENSING HIGH SIDE SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3311 Datasheet(HTML) 6 Page - International Rectifier

Back Button IR3311 Datasheet HTML 2Page - International Rectifier IR3311 Datasheet HTML 3Page - International Rectifier IR3311 Datasheet HTML 4Page - International Rectifier IR3311 Datasheet HTML 5Page - International Rectifier IR3311 Datasheet HTML 6Page - International Rectifier IR3311 Datasheet HTML 7Page - International Rectifier IR3311 Datasheet HTML 8Page - International Rectifier IR3311 Datasheet HTML 9Page - International Rectifier IR3311 Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
IR3311(S)
6
WWW.IRF.COM
90%
10 %
Td off
Tf
Vcc-Vout
Vcc-Vin
DV/dt(off)
Figure 3 - Switching time definitions (turn-off)
Figure 4 - Active clamp waveforms
Figure 5 - Current sense precision:
Accurate measurement only when the power Mosfet is fully ON
Ids
Vout
Vin
T clamp
Vds clamp
( see Design tip to evaluate power dissipation )
Vcc
Vcc
Vcc-Vclamp
Iout
12V
0 V
Vcc-Vin
T minpulse
T minpulse
0 V
Wait
Figure 6 - Minimum pulse & WAIT
function
I Load
Ifb
Vin
clamp
38 us (typ.)
Precise measurement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com