Electronic Components Datasheet Search
  English  ▼

X  

IR3311 Datasheet(PDF) 8 Page - International Rectifier

Part # IR3311
Description  PROGRAMMABLE CURRENT SENSING HIGH SIDE SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3311 Datasheet(HTML) 8 Page - International Rectifier

Back Button IR3311 Datasheet HTML 4Page - International Rectifier IR3311 Datasheet HTML 5Page - International Rectifier IR3311 Datasheet HTML 6Page - International Rectifier IR3311 Datasheet HTML 7Page - International Rectifier IR3311 Datasheet HTML 8Page - International Rectifier IR3311 Datasheet HTML 9Page - International Rectifier IR3311 Datasheet HTML 10Page - International Rectifier IR3311 Datasheet HTML 11Page - International Rectifier IR3311 Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
IR3311(S)
8
WWW.IRF.COM
Figure 10 -Normalized Rdson (%) vs Tj (oC)
Figure 11 - Vih, Vil & Vifb -Vin (V) vs Tj (oC)
Figure 12 - Error (+/-A) vs Iload (A)
Figure 13 - Isd (A) vs RIfb (Ohm)
0%
20%
40%
60%
80%
100%
120%
140%
160%
180%
200%
-50 -25
0
255075 100 125 150
0
1
2
3
4
5
6
-50
-25
0
25
50
75
100
125 150
Vifb-Vin
Vih
Vil
0
1
2
3
4
0
15
30
45
60
Typical value
Max. specified
5
6
7
8
9
1
10
100
100
1000
10000
Isd min 3s
isd typ
Isd max 3s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com