Electronic Components Datasheet Search
  English  ▼

X  

2001-511 Datasheet(PDF) 1 Page - WAGO Kontakttechnik GmbH & Co. KG

Part # 2001-511
Description  Modular TOPJOB짰S connector; modular; for jumper contact slot
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAGO [WAGO Kontakttechnik GmbH & Co. KG]
Direct Link  https://www.wago.com/global/
Logo WAGO - WAGO Kontakttechnik GmbH & Co. KG

2001-511 Datasheet(HTML) 1 Page - WAGO Kontakttechnik GmbH & Co. KG

  2001-511 Datasheet HTML 1Page - WAGO Kontakttechnik GmbH & Co. KG 2001-511 Datasheet HTML 2Page - WAGO Kontakttechnik GmbH & Co. KG 2001-511 Datasheet HTML 3Page - WAGO Kontakttechnik GmbH & Co. KG 2001-511 Datasheet HTML 4Page - WAGO Kontakttechnik GmbH & Co. KG 2001-511 Datasheet HTML 5Page - WAGO Kontakttechnik GmbH & Co. KG 2001-511 Datasheet HTML 6Page - WAGO Kontakttechnik GmbH & Co. KG 2001-511 Datasheet HTML 7Page - WAGO Kontakttechnik GmbH & Co. KG 2001-511 Datasheet HTML 8Page - WAGO Kontakttechnik GmbH & Co. KG 2001-511 Datasheet HTML 9Page - WAGO Kontakttechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Data sheet | Item number: 2001-511
Modular TOPJOB®S connector; modular; for jumper contact slot; 1-pole;
1,50 mm²; gray
www.wago.com/2001-511
Subject to changes. Please also observe the further product documentation!
WAGO GmbH & Co. KG
Hansastr. 27
32423 Minden
Phone: +49571 887-0 | Fax: +49571 887-169
Email: info.de@wago.com | Web: www.wago.com
Do you have any questions about our products?
We are always happy to take your call at +49 (571) 887-44222.
24.11.2021    Page /
1 9
Color:
Data
Notes
Safety information 1
According to EN 61984, pluggable connectors without current
interrupting capacity must not be mated or unmated when live or
under load.


Similar Part No. - 2001-511

ManufacturerPart #DatasheetDescription
logo
WAGO Kontakttechnik Gmb...
2001-549 WAGO-2001-549 Datasheet
155Kb / 5P
Spacer module; modular; e.g., for bridging commoned terminal blocks
24.11.2021
2001-552 WAGO-2001-552 Datasheet
313Kb / 8P
Modular TOPJOB짰S connector; modular; for jumper contact slot
24.11.2021
2001-553 WAGO-2001-553 Datasheet
455Kb / 8P
Modular TOPJOB짰S connector; modular; for jumper contact slot
24.11.2021
2001-554 WAGO-2001-554 Datasheet
395Kb / 8P
Modular TOPJOB짰S connector; modular; for jumper contact slot
25.11.2021
2001-555 WAGO-2001-555 Datasheet
454Kb / 8P
Modular TOPJOB짰S connector; modular; for jumper contact slot
24.11.2021
More results

Similar Description - 2001-511

ManufacturerPart #DatasheetDescription
logo
WAGO Kontakttechnik Gmb...
2001-552 WAGO-2001-552 Datasheet
313Kb / 8P
Modular TOPJOB짰S connector; modular; for jumper contact slot
24.11.2021
2001-554 WAGO-2001-554 Datasheet
395Kb / 8P
Modular TOPJOB짰S connector; modular; for jumper contact slot
25.11.2021
2001-555 WAGO-2001-555 Datasheet
454Kb / 8P
Modular TOPJOB짰S connector; modular; for jumper contact slot
24.11.2021
2001-556 WAGO-2001-556 Datasheet
425Kb / 8P
Modular TOPJOB짰S connector; modular; for jumper contact slot
24.11.2021
2001-557 WAGO-2001-557 Datasheet
442Kb / 8P
Modular TOPJOB짰S connector; modular; for jumper contact slot
24.11.2021
2001-560 WAGO-2001-560 Datasheet
428Kb / 8P
Modular TOPJOB짰S connector; modular; for jumper contact slot
25.11.2021
2000-552 WAGO-2000-552 Datasheet
315Kb / 7P
Modular TOPJOB짰S connector; modular; for jumper contact slot
24.11.2021
2000-554 WAGO-2000-554 Datasheet
276Kb / 8P
Modular TOPJOB짰S connector; modular; for jumper contact slot
24.11.2021
2000-558 WAGO-2000-558 Datasheet
276Kb / 8P
Modular TOPJOB짰S connector; modular; for jumper contact slot
25.11.2021
2000-560 WAGO-2000-560 Datasheet
276Kb / 8P
Modular TOPJOB짰S connector; modular; for jumper contact slot
24.11.2021
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com