Electronic Components Datasheet Search
  English  ▼

X  

2001-511 Datasheet(PDF) 6 Page - WAGO Kontakttechnik GmbH & Co. KG

Part # 2001-511
Description  Modular TOPJOB짰S connector; modular; for jumper contact slot
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAGO [WAGO Kontakttechnik GmbH & Co. KG]
Direct Link  https://www.wago.com/global/
Logo WAGO - WAGO Kontakttechnik GmbH & Co. KG

2001-511 Datasheet(HTML) 6 Page - WAGO Kontakttechnik GmbH & Co. KG

  2001-511 Datasheet HTML 1Page - WAGO Kontakttechnik GmbH & Co. KG 2001-511 Datasheet HTML 2Page - WAGO Kontakttechnik GmbH & Co. KG 2001-511 Datasheet HTML 3Page - WAGO Kontakttechnik GmbH & Co. KG 2001-511 Datasheet HTML 4Page - WAGO Kontakttechnik GmbH & Co. KG 2001-511 Datasheet HTML 5Page - WAGO Kontakttechnik GmbH & Co. KG 2001-511 Datasheet HTML 6Page - WAGO Kontakttechnik GmbH & Co. KG 2001-511 Datasheet HTML 7Page - WAGO Kontakttechnik GmbH & Co. KG 2001-511 Datasheet HTML 8Page - WAGO Kontakttechnik GmbH & Co. KG 2001-511 Datasheet HTML 9Page - WAGO Kontakttechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Data sheet | Item number: 2001-511
www.wago.com/2001-511
Subject to changes. Please also observe the further product documentation!
WAGO GmbH & Co. KG
Hansastr. 27
32423 Minden
Phone: +49571 887-0 | Fax: +49571 887-169
Email: info.de@wago.com | Web: www.wago.com
Do you have any questions about our products?
We are always happy to take your call at +49 (571) 887-44222.
24.11.2021    Page /
6 9
Item no.: 210-136
Test plug; 2 mm Ø; with 500 mm cable; red
www.wago.com/210-136
Ferrule
    Ferrule
Item no.: 216-241
Ferrule; Sleeve for 0.5 mm² / 20 AWG; insulated; electro-tin plated; electrolytic copper; gastight
crimped; acc. to DIN 46228, Part 4/09.90; white
www.wago.com/216-241
Item no.: 216-242
Ferrule; Sleeve for 0.75 mm² / 18 AWG; insulated; electro-tin plated; electrolytic copper; gastight
crimped; acc. to DIN 46228, Part 4/09.90; gray
www.wago.com/216-242
Item no.: 216-243
Ferrule; Sleeve for 1 mm² / AWG 18; insulated; electro-tin plated; electrolytic copper; gastight crimped;
acc. to DIN 46228, Part 4/09.90; red
www.wago.com/216-243
Item no.: 216-244
Ferrule; Sleeve for 1.5 mm² / AWG 16; insulated; electro-tin plated; electrolytic copper; gastight
crimped; acc. to DIN 46228, Part 4/09.90; black
www.wago.com/216-244
Tool
    Operating tool
Item no.: 210-648
Operating tool; Blade: 2.5 x 0.4 mm; with a partially insulated shaft; angled; short
www.wago.com/210-648
Item no.: 210-647
Operating tool; Blade: 2.5 x 0.4 mm; with a partially insulated shaft; multicoloured
www.wago.com/210-647
Item no.: 210-719
Operating tool; Blade: 2.5 x 0.4 mm; with a partially insulated shaft
www.wago.com/210-719
Downloads
Documentation
Bid Text
2001-511
X81 - Datei
2019. 2. 19.
xml
3.6 kB
Download
2001-511
docx - Datei
2018. 8. 2.
docx
15.5 kB
Download
Additional Information
Technical explanations
pdf
2.2 MB
Download
CAD/CAE-Data



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com