Electronic Components Datasheet Search
  English  ▼

X  

2001-511 Datasheet(PDF) 4 Page - WAGO Kontakttechnik GmbH & Co. KG

Part # 2001-511
Description  Modular TOPJOB짰S connector; modular; for jumper contact slot
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAGO [WAGO Kontakttechnik GmbH & Co. KG]
Direct Link  https://www.wago.com/global/
Logo WAGO - WAGO Kontakttechnik GmbH & Co. KG

2001-511 Datasheet(HTML) 4 Page - WAGO Kontakttechnik GmbH & Co. KG

  2001-511 Datasheet HTML 1Page - WAGO Kontakttechnik GmbH & Co. KG 2001-511 Datasheet HTML 2Page - WAGO Kontakttechnik GmbH & Co. KG 2001-511 Datasheet HTML 3Page - WAGO Kontakttechnik GmbH & Co. KG 2001-511 Datasheet HTML 4Page - WAGO Kontakttechnik GmbH & Co. KG 2001-511 Datasheet HTML 5Page - WAGO Kontakttechnik GmbH & Co. KG 2001-511 Datasheet HTML 6Page - WAGO Kontakttechnik GmbH & Co. KG 2001-511 Datasheet HTML 7Page - WAGO Kontakttechnik GmbH & Co. KG 2001-511 Datasheet HTML 8Page - WAGO Kontakttechnik GmbH & Co. KG 2001-511 Datasheet HTML 9Page - WAGO Kontakttechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Data sheet | Item number: 2001-511
www.wago.com/2001-511
Subject to changes. Please also observe the further product documentation!
WAGO GmbH & Co. KG
Hansastr. 27
32423 Minden
Phone: +49571 887-0 | Fax: +49571 887-169
Email: info.de@wago.com | Web: www.wago.com
Do you have any questions about our products?
We are always happy to take your call at +49 (571) 887-44222.
24.11.2021    Page /
4 9
Optional accessories
End plate
    Testing accessories
Item no.: 2002-541
End plate; for modular TOPJOB®S connector; 1.5 mm thick; gray
www.wago.com/2002-541
Insulation stop
    Insulation stop
Item no.: 2001-171
Insulation stop; 0.25 - 0.5 mm²; 5 pieces/strip; light gray
www.wago.com/2001-171
Marking accessories
    Marking strip
Item no.: 2009-110
Marking strips; for Smart Printer; on reel; not stretchable; plain; snap-on type; white
www.wago.com/2009-110
    Marker
Item no.: 2009-114/000-002
WMB-Inline; for Smart Printer; 2000 pieces on roll; stretchable 4 - 4.2 mm; plain; snap-on type; yellow
www.wago.com/2009-114
/000-002
Item no.: 2009-114/000-005
WMB-Inline; for Smart Printer; 2000 pieces on roll; stretchable 4 - 4.2 mm; plain; snap-on type; red
www.wago.com/2009-114
/000-005
Item no.: 2009-114/000-007
WMB-Inline; for Smart Printer; 2000 pieces on roll; stretchable 4 - 4.2 mm; plain; snap-on type; gray
www.wago.com/2009-114
/000-007
Item no.: 2009-114/000-023
WMB-Inline; for Smart Printer; 2000 pieces on roll; stretchable 4 - 4.2 mm; plain; snap-on type; green
www.wago.com/2009-114
/000-023
Item no.: 2009-114/000-006
WMB-Inline; for Smart Printer; 2000 pieces on roll; stretchable 4 - 4.2 mm; plain; snap-on type; blue
www.wago.com/2009-114
/000-006
Item no.: 2009-114/000-024
WMB-Inline; for Smart Printer; 2000 pieces on roll; stretchable 4 - 4.2 mm; plain; snap-on type; violet
www.wago.com/2009-114
/000-024
Item no.: 2009-114/000-012
WMB-Inline; for Smart Printer; 2000 pieces on roll; stretchable 4 - 4.2 mm; plain; snap-on type; orange
www.wago.com/2009-114
/000-012
Item no.: 2009-114
www.wago.com/2009-114



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com