Electronic Components Datasheet Search
  English  ▼

X  

0804165 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 0804165
Description  Socket - EO-AB/PT/15
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804165 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  0804165 Datasheet HTML 1Page - PHOENIX CONTACT 0804165 Datasheet HTML 2Page - PHOENIX CONTACT 0804165 Datasheet HTML 3Page - PHOENIX CONTACT 0804165 Datasheet HTML 4Page - PHOENIX CONTACT 0804165 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
https://www.phoenixcontact.com/pi/products/0804165
01/21/2022   Page 4 / 5
Socket - EO-AB/PT/15 - 0804165
Approvals
cULus Listed 
 
 
Accessories
Accessories
Terminal marking
Marker for terminal blocks - UC-TMF 8 - 0818137
Marker for terminal blocks, Sheet, white, unlabeled, can be labeled with: BLUEMARK ID COLOR, BLUEMARK ID,
BLUEMARK CLED, PLOTMARK, CMS-P1-PLOTTER, mounting type: snapped, for terminal block width: 8.2 mm,
lettering field size: 7.6 x 5.1 mm, Number of individual labels: 56
 
 
Marker for terminal blocks - UC-TMF 16 - 0819262
Marker for terminal blocks, Sheet, white, unlabeled, can be labeled with: BLUEMARK ID COLOR, BLUEMARK ID,
BLUEMARK CLED, PLOTMARK, CMS-P1-PLOTTER, mounting type: snapped, for terminal block width: 16 mm,
lettering field size: 15.45 x 5.1 mm, Number of individual labels: 32
 
 
Zack Marker strip, flat - ZBF 8:UNBEDRUCKT - 0808781
Zack Marker strip, flat, Strip, white, unlabeled, can be labeled with: PLOTMARK, CMS-P1-PLOTTER, mounting type:
snapped, for terminal block width: 8 mm, lettering field size: 5.15 x 8.15 mm, Number of individual labels: 10
 
 
Zack Marker strip, flat - ZBF 16:UNPRINTED - 0827464
Zack Marker strip, flat, Strip, white, unlabeled, can be labeled with: PLOTMARK, CMS-P1-PLOTTER, mounting type:
snapped, for terminal block width: 16 mm, lettering field size: 16.25 x 10.5 mm, Number of individual labels: 50
 
 



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com