Electronic Components Datasheet Search
  English  ▼

X  

0804165 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0804165
Description  Socket - EO-AB/PT/15
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804165 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0804165 Datasheet HTML 1Page - PHOENIX CONTACT 0804165 Datasheet HTML 2Page - PHOENIX CONTACT 0804165 Datasheet HTML 3Page - PHOENIX CONTACT 0804165 Datasheet HTML 4Page - PHOENIX CONTACT 0804165 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
https://www.phoenixcontact.com/pi/products/0804165
01/21/2022   Page 2 / 5
Socket - EO-AB/PT/15 - 0804165
Technical data
General
Country ID
USA
Connection data
Conductor cross section solid min.
0.2 mm²
Conductor cross section solid max.
4 mm²
Conductor cross section flexible min.
0.2 mm²
Conductor cross section flexible max.
2.5 mm²
Conductor cross section AWG min.
24
Conductor cross section AWG max.
12
Connection method
Push-in spring connection
Standards and Regulations
Standards/regulations
UL 508
Environmental Product Compliance
China RoHS
Environmentally friendly use period: unlimited = EFUP-e
No hazardous substances above threshold values
Drawings
Circuit diagram
L1
PE
N
Dimensional drawing
57,5
40,6
59,2
45
52,5
Classifications
eCl@ss
eCl@ss 10.0.1
27142305
eCl@ss 11.0
27142305
eCl@ss 4.0
27142300
eCl@ss 4.1
27142300
eCl@ss 5.0
27142300
eCl@ss 5.1
27142300
eCl@ss 6.0
27142300
eCl@ss 7.0
27142305



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com