Electronic Components Datasheet Search
  English  ▼

X  

0804165 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0804165
Description  Socket - EO-AB/PT/15
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804165 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0804165 Datasheet HTML 1Page - PHOENIX CONTACT 0804165 Datasheet HTML 2Page - PHOENIX CONTACT 0804165 Datasheet HTML 3Page - PHOENIX CONTACT 0804165 Datasheet HTML 4Page - PHOENIX CONTACT 0804165 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/pi/products/0804165
01/21/2022   Page 1 / 5
Socket - EO-AB/PT/15 - 0804165
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Socket, Pin connector pattern type AB 15A, Push-in spring connection, for USA and other countries, gray, for
mounting on a DIN rail in the service interface or direct mounting, 125 V AC, 15 A, -60 °C, 105 °C, UL 508
Key Commercial Data
Packing unit
5 pc
Minimum order quantity
5 pc
GTIN
GTIN
4055626226880
Technical data
Dimensions
Width
45 mm
Height
75 mm
Depth
57.5 mm
Ambient conditions
Ambient temperature (operation)
-60 °C ... 105 °C (max. short-term operating temperature RTI Elec.)
Ambient temperature (storage/transport)
-25 °C ... 60 °C (for a short time, not exceeding 24 h, -60 °C to +70 °C)
General
Nominal voltage UN
125 V AC (60 Hz)
Nominal current IN
15 A
Status display
No
Contact material
CuZn37
Color
gray
Insulating material
PA
Flammability rating according to UL 94
V0
Standards/regulations
UL 508


Similar Part No. - 0804165

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0804160 PHOENIX-0804160 Datasheet
272Kb / 8P
EO-AB/UT/LED/S/15 - Socket
0804161 PHOENIX-0804161 Datasheet
268Kb / 8P
EO-AB/UT/F - Socket
0804163 PHOENIX-0804163 Datasheet
277Kb / 8P
EO-AB/UT/LED/DUO/15 - Double socket
0804168 PHOENIX-0804168 Datasheet
171Kb / 5P
Socket - EO-AB/PT/LED/15
01/21/2022
More results

Similar Description - 0804165

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1755716 PHOENIX-1755716 Datasheet
97Kb / 4P
PT 1,5/15-PH-5,0
1212495 PHOENIX-1212495 Datasheet
77Kb / 3P
MICROFOX-EO
2904286 PHOENIX-2904286 Datasheet
70Kb / 5P
Passive module - VIP-2/PT/FLK50/AB-1756
1068038 PHOENIX-1068038 Datasheet
90Kb / 5P
Socket - EO-CF/UT/YE
09/12/2020
0804168 PHOENIX-0804168 Datasheet
171Kb / 5P
Socket - EO-AB/PT/LED/15
01/21/2022
0804173 PHOENIX-0804173 Datasheet
178Kb / 4P
Socket - EO-AB/PT/S/15
01/21/2022
0804174 PHOENIX-0804174 Datasheet
181Kb / 5P
Socket - EO-AB/PT/LED/S/15
01/21/2022
1263626 PHOENIX-1263626 Datasheet
316Kb / 8P
Double socket - EO-AB/PT/LED/DUO/V/GFI/15
Nov 16, 2022
1263627 PHOENIX-1263627 Datasheet
316Kb / 8P
Double socket - EO-AB/UT/LED/DUO/V/GFI/20
Nov 16, 2022
1263628 PHOENIX-1263628 Datasheet
316Kb / 8P
Double socket - EO-AB/UT/LED/DUO/V/GFI/15
Nov 16, 2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com