Electronic Components Datasheet Search
  English  ▼

X  

XC2163 Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC2163
Description  ICs for use with 3rd Overtone Crystal Oscillators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC2163 Datasheet(HTML) 2 Page - Torex Semiconductor

  XC2163 Datasheet HTML 1Page - Torex Semiconductor XC2163 Datasheet HTML 2Page - Torex Semiconductor XC2163 Datasheet HTML 3Page - Torex Semiconductor XC2163 Datasheet HTML 4Page - Torex Semiconductor XC2163 Datasheet HTML 5Page - Torex Semiconductor XC2163 Datasheet HTML 6Page - Torex Semiconductor XC2163 Datasheet HTML 7Page - Torex Semiconductor XC2163 Datasheet HTML 8Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
XC2163 Series
1032
14
XC2163 qwerty
Table 1: Frequency for External Type
Frequency Range
Frequency Range
1.
6kΩ
10pF
3.
9kΩ
4pF
2.
4kΩ
10pF
2.
4kΩ
7pF
2.
4kΩ
12pF
2.
7kΩ
8pF
2.
4kΩ
15pF
2.
7kΩ
10pF
3.
3kΩ
15pF
3.
9kΩ
10pF
3.
3kΩ
20pF
3.
9kΩ
12pF
3.
6kΩ
24pF
2.
4kΩ
20pF
4.
7kΩ
27pF
3.
6kΩ
20pF
5.
6kΩ
30pF
3.
6kΩ
24pF
6.
8kΩ
33pF
3.
9kΩ
27pF
ー
ー
ー
3.
9kΩ
33pF
SYMBOL
5.0V TYPE
3.3V TYPE
Z
DESIGNATOR
DESCRIPTION
DESIGNATOR
DESCRIPTION
  
③
⑥
①
④
②
⑤
Note : We recommend that a damping resistor Rd be added between the /XT pin & the crystal oscillator pin in order to safeguard
the crystal oscillator and improve oscillation stability.
108MHz∼125MHz
93MHz∼110MHz
80MHz∼95MHz
68MHz∼83MHz
55MHz∼70MHz
45MHz∼57MHz
35MHz∼47MHz
28MHz∼37MHz
24MHz∼30MHz
20MHz∼26MHz
Rf
Cg/Cd
108MHz∼125MHz
95MHz∼110MHz
80MHz∼97MHz
68MHz∼83MHz
58MHz∼70MHz
50MHz∼60MHz
40MHz∼52MHz
33MHz∼42MHz
28MHz∼35MHz
24MHz∼30MHz
20MHz∼26MHz
Cg/Cd
Rf
Output Capacity :
5 = 10TTL
Duty Level :
1 = CMOS (VDD/2)
Note :
TTL : 20MHz to 37MHz
C = f0/1
E = f0/4
D = f0/2
F = f0/8
Ratio Divider :
Recommended Frequency Range
& Rf, Cg, Cd values
External Type:Z(refer to table 1)
Built-in Type:(To Be Determined)
Package :
M = SOT-26
Device Orientation :
R = Embossed Tape
(Standerd Feed)
L= Embossed Tape
(Reverse Feed)
■Product Classification
GOrdering Information
Table 2: Frequency for Internal Type
Frequency Range
Frequency Range
SYMBOL
5.0V TYPE
3.3V TYPE
Rf
Cg/Cd
Cg/Cd
Rf
A
-
-
-
108MHz ∼ 125MHz
1.5kΩ
5.5pF
B
-
-
-
93MHz ∼ 110MHz
1.7kΩ
6.5pF
C
108MHz ∼ 125MHz
2.2KΩ
5.5pF
80MHz ∼ 95MHz
2.2kΩ
5.5pF
D
95MHz ∼ 110MHz
2.4KΩ
6.5pF
72MHz ∼ 83MHz
2.4kΩ
6.5pF
E
80MHz ∼ 97MHz
3.2KΩ
6.5pF
65MHz ∼ 75MHz
3.2kΩ
6.5pF
F
68MHz ∼ 83MHz
3.7KΩ
6.5pF
57MHz ∼ 67MHz
3.7kΩ
6.5pF
H
55MHz ∼ 70MHz
4.9KΩ
7.6pF
-
-
-
K
45MHz ∼ 57MHz
5.5KΩ
11pF
-
-
-
L
40MHz ∼ 48MHz
6.5KΩ
11pF
-
-
-
14S_04XC2163 02.09.12 16:36 ページ 1032



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com