Electronic Components Datasheet Search
  English  ▼

X  

XC2163 Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC2163
Description  ICs for use with 3rd Overtone Crystal Oscillators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC2163 Datasheet(HTML) 5 Page - Torex Semiconductor

  XC2163 Datasheet HTML 1Page - Torex Semiconductor XC2163 Datasheet HTML 2Page - Torex Semiconductor XC2163 Datasheet HTML 3Page - Torex Semiconductor XC2163 Datasheet HTML 4Page - Torex Semiconductor XC2163 Datasheet HTML 5Page - Torex Semiconductor XC2163 Datasheet HTML 6Page - Torex Semiconductor XC2163 Datasheet HTML 7Page - Torex Semiconductor XC2163 Datasheet HTML 8Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Standard value
MIN
TYP
MAX
Operating Voltage
4.5
5.5
V
/INH pin
2.4
V
/INH pin
0.4
V
3.9
4.2
V
0.3
0.4
V
Consumption Current 1
31
mA
Consumption Current 2
/INH = 'L', f = 120MHz
14
mA
/INH = 'L'
0.5
1.0
2.0
MΩ
25
50
100
kΩ
10
μA
PARAMETER
SYMBOL
CONDITIONS
UNITS
Standard value
PARAMETER
SYMBOL
CONDITIONS
UNITS
MIN
TYP
MAX
tr
1.5
ns
tf
1.5
ns
DUTY
45
55
%
tplz
100
ns
tpzl
100
ns
CMOS DUTY : VDD=5.0V, Ta=25℃
fosc = 108MHz to 125MHz ; Rf = 1.6k
Ω ; Cg = Cd = 10pF external
XC2163C51ZMR:
(Unless specified, VDD=5.0V, Ta=25℃)
This data sheet is preliminary therefore, the contents can be changed
without advance notice.
Qo pin, VDD = 4.5V, IOH = -16mA
Qo pin, VDD = 4.5V, IOL = 16mA
/INH = OPEN, CL = 15pF, f = 120MHz
/INH = 0.7VDD
Qo pin, /INH = 'L'
'H' Level Input Voltage
'L' Level Input Voltage
'H' Level Output Voltage
'L' Level Output Voltage
Input pull up resistance 1
Input pull up resistance 2
Output Off Leak Current
VDD
VIH
VIL
VOH
VOL
IDD1
IDD2
Rup1
Rup2
IOZ
Output Rise Time
Output Fall Time
Output DUTY Cycle
Output Disable
(Delay Time)
Output Enable
(Delay Time)
CL=15pF, 0.1VDD→0.9VDD
CL=15pF, 0.9VDD→0.1VDD
0.5VDD, CL=15pF, f=120MHz
CL=15pF
CL=15pF
■Electrical Characteristics
■Switching Characteristics
XC2163
Series
1035
14
14S_04XC2163 02.09.12 16:36 ページ 1035



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com