Electronic Components Datasheet Search
  English  ▼

X  

XC2163 Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC2163
Description  ICs for use with 3rd Overtone Crystal Oscillators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC2163 Datasheet(HTML) 3 Page - Torex Semiconductor

  XC2163 Datasheet HTML 1Page - Torex Semiconductor XC2163 Datasheet HTML 2Page - Torex Semiconductor XC2163 Datasheet HTML 3Page - Torex Semiconductor XC2163 Datasheet HTML 4Page - Torex Semiconductor XC2163 Datasheet HTML 5Page - Torex Semiconductor XC2163 Datasheet HTML 6Page - Torex Semiconductor XC2163 Datasheet HTML 7Page - Torex Semiconductor XC2163 Datasheet HTML 8Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
XC2163
Series
1033
14
q
w 
MARK
RATIO
MARK
RATIO
C
E
MARK
MARK
Frequency (MHz)
A
B
C
D
E
F
H
K
L
Z
–
–
108~125
95~110
80~97
68~83
55~70
45~57
40~48
108~125
93~110
80~95
72~83
65~75
57~67
–
–
–
6
D
F
e
r
 
1
2
4
3
5
6
q w e r
SOT-26
(TOP VIEW)
Represents Frequency & Rf,
Cg & Cd Values
Represents the Assembly Lot No.
(based on internal standards)
fo/1
fo/2
fo/4
fo/8
Represents the Series name
Represents the Divider Ratio
External
5.0V
3.3V
■Marking
■Absolute Maximum Ratings
■Block Diagram
Rup
Cg
Cd
Rf
1/2
1/2
1/2
XT
/XT
/INH
Rup
1/2
1/2
1/2
XT
/XT
/INH
VDD
VDD
QO
QO
VSS
VSS
q Built -in oscillation capacitors, oscillation feedback resistor
w External oscillation capacitors, oscillation feedback resistor
PARAMETER
SYMBOL
CONDITIONS
UNITS
Supply Voltage
V
Input Voltage
V
Continuous Total
Power Dissipation
Pd
mW
Operating Ambient
Temp.
Topr
℃
Storage Temp.
Tstg
℃
VSS-0.3∼VSS+7.0
VSS-0.3∼VDD+0.3
250 *
-30∼+80
-55∼+125
VDD
VIN
* when implemented on a glass epoxy PCB
■Packaging Information
GSOT-26
(0.95)
(0.5)
1.9±0.2
2.9±0.2
1.1±0.1
0∼0.1
0.15
+0.1
-0.05
0.4
+0.1
-0.05
0.4
+0.1
-0.05
14S_04XC2163 02.09.12 16:36 ページ 1033



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com