Electronic Components Datasheet Search
  English  ▼

X  

XC6205 Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC6205
Description  Low ESR Cap. Compatible Output On/Off Control
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6205 Datasheet(HTML) 1 Page - Torex Semiconductor

  XC6205 Datasheet HTML 1Page - Torex Semiconductor XC6205 Datasheet HTML 2Page - Torex Semiconductor XC6205 Datasheet HTML 3Page - Torex Semiconductor XC6205 Datasheet HTML 4Page - Torex Semiconductor XC6205 Datasheet HTML 5Page - Torex Semiconductor XC6205 Datasheet HTML 6Page - Torex Semiconductor XC6205 Datasheet HTML 7Page - Torex Semiconductor XC6205 Datasheet HTML 8Page - Torex Semiconductor XC6205 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Preliminary
February 07, 2003 Ver. 2
CMOS Low Power Consumption 70
µA
Applications
Maximum Output Current
: 150mA
Mobile phones, Cordless phones
Highly Accurate
:
± 2% (± 30mV less than 1.5V)
Wireless communication equipment
Output Voltage Range
: 0.9V ~ 1.75V (50mV Step)
Portable games
High Ripple Rejection
: 60dB
Cameras, Video recorders
Low Noise
: 30
µVrms
Portable AV equipment
Low ESR capacitor compatible
Reference voltage
Battery powered equipment
General Description
Features
Maximum Output Current
: 150mA
Maximum Operating Voltage
: 2.0V ~ 10V
Output Voltage Range
: 0.9V~1.75V(50mV Step)
Highly Accurate
:
±2% (VOUT>1.5V)
:
±30mV (VOUT≤1.5V)
Low Power Consumption
: TYP 70
µA
Standby Current
: Less than 0.1
µA (TYP)
Low Noise
: 30
µVrms (TYP)
High Ripple Rejection
: 60dB (10kHz)
Operating Temperature Range
: -40OC ~ +85OC
Low ESR Capacitor Compatible
: Ceramic capacitor
Ultra Small Packages
: SOT-25 (SOT-23-5)
SOT-89-5
USP-6B
Typical Application
Electrical Characteristics
Load Transient Response
1
XC6205 Series
High Speed LDO Regulators
Low ESR Cap. Compatible, Output On/Off Control
Output Current
Output Voltage
The XC6205 series are highly precise, low noise, positive
voltage LDO regulators manufactured using CMOS processes.
The series achieves high ripple rejection and low dropout and
consists of a voltage reference, an error amplifier, a current
limiter and a phase compensation circuit plus a driver transistor.
Output voltage is selectable in 50mV increments within a range
of 0.9V ~ 1.75V.
The series is also compatible with low ESR ceramic capacitors
which give added output stability. This stability can be
maintained even during load fluctuations due to the excellent
transient response of the series.
The current limiter's foldback circuit also operates as a short
protect for the output current limiter and the output pin.
The CE function enables the output to be turned off, resulting in
greatly reduced power consumption.
VIN
VOUT
NC
CE
CL
2.2
µF
VSS
CIN
1
µF
VIN=2V, tr=tf=5
µsec
CIN=1
µF(ceramic), CL=4.7µF(ceramic)
250
1.00
Time (40
µsec/div)
XC6205B092
0.95
0.90
0.85
0.80
0.75
200
150
100
50
0
50mA
1mA


Similar Part No. - XC6205

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6205 TOREX-XC6205 Datasheet
3Mb / 47P
High Sprred LDO Regulators Output ON-OFF Control
XC6205 TOREX-XC6205 Datasheet
1Mb / 49P
High Speed LDO Regulators Output ON-OFF Control
XC6205 TOREX-XC6205 Datasheet
4Mb / 48P
300mA/150mA High Speed LDO Regulators with ON-OFF Control
XC6205A092DL TOREX-XC6205A092DL Datasheet
1Mb / 49P
High Speed LDO Regulators Output ON-OFF Control
XC6205A092DR TOREX-XC6205A092DR Datasheet
1Mb / 49P
High Speed LDO Regulators Output ON-OFF Control
More results

Similar Description - XC6205

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6212 TOREX-XC6212 Datasheet
66Kb / 7P
High Speed LDO Regulators, Low ESR Cap. Compatible, Output ON/OFF Control
XC6209 TOREX-XC6209 Datasheet
224Kb / 19P
High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
XC6219 TOREX-XC6219 Datasheet
248Kb / 18P
High Speed LDO Regulators Low ESR Cap Compatible ON/OFF Switch
XC6209 TOREX-XC6209_1 Datasheet
1Mb / 25P
High Speed LDO Regulator, Low ESR Cap. Compatible, Output ON/OFF Control
logo
Kingbor Technology Co
KB6206 KINGBOR-KB6206 Datasheet
79Kb / 6P
Low ESR Cap. Compatible Positive Voltage Regulators
logo
SYNC POWER Crop.
SP2526 SYNC-POWER-SP2526 Datasheet
388Kb / 10P
Low ESR Cap. Compatible Positive Voltage Regulators
logo
Torex Semiconductor
XC6401 TOREX-XC6401 Datasheet
717Kb / 24P
Dual LDO Regulators, Low ESR Cap. Compatible
XC6219 TOREX-XC6219_1 Datasheet
1Mb / 23P
High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
logo
Minilogic Device Corpor...
ML6206S MINILOGIC-ML6206S Datasheet
597Kb / 14P
Low ESR Cap. Compatible Positive Voltage Regulator
logo
Shenzhen Huazhimei Semi...
HM6216 HMSEMI-HM6216 Datasheet
366Kb / 8P
Low power consumption, Low ESR Cap. Compatible
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com