Electronic Components Datasheet Search
  English  ▼

X  

XC6205 Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC6205
Description  Low ESR Cap. Compatible Output On/Off Control
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6205 Datasheet(HTML) 2 Page - Torex Semiconductor

  XC6205 Datasheet HTML 1Page - Torex Semiconductor XC6205 Datasheet HTML 2Page - Torex Semiconductor XC6205 Datasheet HTML 3Page - Torex Semiconductor XC6205 Datasheet HTML 4Page - Torex Semiconductor XC6205 Datasheet HTML 5Page - Torex Semiconductor XC6205 Datasheet HTML 6Page - Torex Semiconductor XC6205 Datasheet HTML 7Page - Torex Semiconductor XC6205 Datasheet HTML 8Page - Torex Semiconductor XC6205 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Preliminary
Pin Assignment
Block Diagram
Pin Configuration
* The diode in the above diagram is for the IC's protection.
Selection Guide
The following options for the CE pin logic and internal pull-up/down are available:
Active 'High' + no pull-down resistor built-in (standard)
Active 'High' + 300M
Ω pull-down resistor built-in <between CE-VSS> (semi-custom)
Active 'Low' + no pull-up resistor built-in (semi-custom)
Active 'Low' + 300M
Ω pull-up resistor built-in <between VIN-CE> (semi-custom)
Note: *With the pull-up resistor or pull-down resistor built-in types, the supply current during operation will increase
by VIN / 300M
Ω (TYP.).
Ordering Information
XC6205
123456
Output Voltage : 100mV Step
Accuracy : within
±2%
e.g.
2=0, 3=9, 4=2 ⇒ 0.9V
Output Voltage : 50mV Step
Accuracy : within
±2%
e.g.
2=1, 3=3, 4=A ⇒ 1.35V
Package Type : SOT-25(SOT-23-5)
USP - 6B
Output Voltage :
Device Orientation :
e.g. 1.5V =
2 : 1, 3 : 5
Embossed Tape : Standard Feed
Embossed Tape : Reverse Feed
2
6
R
L
2 3
1
A
B
C
D
Integer
D
DESIGNATOR SYMBOL
2
M
Low ESR Cap. Compatible, Output On/Off Control
DESIGNATOR SYMBOL
4
5
DESCRIPTION
Active 'Low'
(no pull-up resistor built in)
XC6205 Series
High Speed LDO Regulators
DESCRIPTION
Active 'High'
(pull-down resistor built in)
Active 'High'
(no pull-down resistor built in)
Active 'Low'
(pull-up resistor built in)
A
VSS
CE
NC
VOUT
Ground
ON/OFF Control
No Connection
Output
PIN NAME
FUNCTION
Input
VIN
553
PIN NUMBER
SOT-25
SOT-89-5
USP-6B
14
336
4
1
2, 4
1
225
4
2
5
13
CE
(NC)
VIN
VSS
VOUT
6
5
4
1
2
3
VIN
NC
VOUT
CE
VSS
NC
SOT-25 (SOT-23-5)
(TOP VIEW)
USP-6B
(TOP VIEW)
VSS
VOUT
VIN
Current
Limiter
ON/OFF
Control
Voltage
Reference
each circuit
CE
R2
R1
VOUT
5
VSS
2
VIN
4
1
NC
2
VSS
3
CE
SOT-89-5
(TOP VIEW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com