Electronic Components Datasheet Search
  English  ▼

X  

XC6205 Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC6205
Description  Low ESR Cap. Compatible Output On/Off Control
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6205 Datasheet(HTML) 4 Page - Torex Semiconductor

  XC6205 Datasheet HTML 1Page - Torex Semiconductor XC6205 Datasheet HTML 2Page - Torex Semiconductor XC6205 Datasheet HTML 3Page - Torex Semiconductor XC6205 Datasheet HTML 4Page - Torex Semiconductor XC6205 Datasheet HTML 5Page - Torex Semiconductor XC6205 Datasheet HTML 6Page - Torex Semiconductor XC6205 Datasheet HTML 7Page - Torex Semiconductor XC6205 Datasheet HTML 8Page - Torex Semiconductor XC6205 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Preliminary
! Test Circuits
Circuit 1
Circuit 2
Circuit 3
Circuit 4
4
XC6205 Series
High Speed LDO Regulators
Low ESR Cap. Compatible, Output On/Off Control
CIN=1.0
µF
(ceramic)
V
VIN
VOUT
VSS
CE
CL=2.2
µF
(ceramic)
RL
A
V
V
VIN
VOUT
VSS
CE
A
OPEN
A
VIN
VOUT
VSS
CE
CIN=1.0
µF
(ceramic)
CL=2.2
µF
(ceramic)
F.F.T
IOUT=10mA
VIN
VOUT
VSS
CE
V
IOUT=50mA
V
VIN={VOUT+1} VDC
+0.5Vp-pAC
CL=2.2
µF
(ceramic)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com