Electronic Components Datasheet Search
  English  ▼

X  

TPS22916CLYFPR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22916CLYFPR
Description  TPS22916xx 1-V??.5-V, 2-A, 60-m廓 Ultra-Low Leakage Load Switch
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22916CLYFPR Datasheet(HTML) 3 Page - Texas Instruments

  TPS22916CLYFPR Datasheet HTML 1Page - Texas Instruments TPS22916CLYFPR Datasheet HTML 2Page - Texas Instruments TPS22916CLYFPR Datasheet HTML 3Page - Texas Instruments TPS22916CLYFPR Datasheet HTML 4Page - Texas Instruments TPS22916CLYFPR Datasheet HTML 5Page - Texas Instruments TPS22916CLYFPR Datasheet HTML 6Page - Texas Instruments TPS22916CLYFPR Datasheet HTML 7Page - Texas Instruments TPS22916CLYFPR Datasheet HTML 8Page - Texas Instruments TPS22916CLYFPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
5 Pin Configuration and Functions
B
A
1
2
VIN
ON
GND
VOUT
Figure 5-1. YFP Package 4-Pin WSON Laser
Marking View
B
A
2
1
VOUT
GND
ON
VIN
Figure 5-2. YFP Package 4-Pin WSON Bump View
Table 5-1. Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
A1
VOUT
Power
Switch output
A2
VIN
Power
Switch input
B1
GND
Ground
Device ground
B2
ON
Digital input
Device enable
www.ti.com
TPS22916
SLVSDO5F – JULY 2017 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TPS22916



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com