Electronic Components Datasheet Search
  English  ▼

X  

TPS22916CLYFPR Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22916CLYFPR
Description  TPS22916xx 1-V??.5-V, 2-A, 60-m廓 Ultra-Low Leakage Load Switch
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22916CLYFPR Datasheet(HTML) 20 Page - Texas Instruments

Back Button TPS22916CLYFPR Datasheet HTML 16Page - Texas Instruments TPS22916CLYFPR Datasheet HTML 17Page - Texas Instruments TPS22916CLYFPR Datasheet HTML 18Page - Texas Instruments TPS22916CLYFPR Datasheet HTML 19Page - Texas Instruments TPS22916CLYFPR Datasheet HTML 20Page - Texas Instruments TPS22916CLYFPR Datasheet HTML 21Page - Texas Instruments TPS22916CLYFPR Datasheet HTML 22Page - Texas Instruments TPS22916CLYFPR Datasheet HTML 23Page - Texas Instruments TPS22916CLYFPR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
11 Layout
11.1 Layout Guidelines
For best performance, all traces must be as short as possible. To be most effective, the input and output
capacitors must be placed close to the device to minimize the effects that parasitic trace inductances can have
on normal operation. Using wide traces for VIN, VOUT, and GND helps minimize the parasitic electrical effects.
11.2 Layout Example
Equation 3 shows an example for these devices. Notice the connection to system ground between the VOUT
Bypass Capacitor ground and the GND pin of the load switch,. This connection creates a ground barrier which
helps to reduce the ground noise seen by the device.
A1
Gnd
Via
VIA to Power Ground Plane
V Bypass
Capacitor
IN
V
Bypass
Capacitor
OUT
To GPIO
control
B2
B1
VOUT
A2
VIN
ON
GND
Gnd
Via
Figure 11-1. TPS22916xx Layout
11.3 Thermal Considerations
The maximum IC junction temperature must be restricted to 125°C under normal operating conditions. To
calculate the maximum allowable dissipation, PD(max) for a given output current and ambient temperature, use
Equation 5 as a guideline:
J(MAX)
A
D(MAX)
θJA
T
T
P
R
-
=
(5)
Where,
PD(max) = maximum allowable power dissipation
TJ(max) = maximum allowable junction temperature
TA = ambient temperature for the device
θJA = junction to air thermal impedance. See the Thermal Information section.
TPS22916
SLVSDO5F – JULY 2017 – REVISED DECEMBER 2021
www.ti.com
20
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TPS22916



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com