Electronic Components Datasheet Search
  English  ▼

X  

TPS22916CLYFPR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22916CLYFPR
Description  TPS22916xx 1-V??.5-V, 2-A, 60-m廓 Ultra-Low Leakage Load Switch
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22916CLYFPR Datasheet(HTML) 2 Page - Texas Instruments

  TPS22916CLYFPR Datasheet HTML 1Page - Texas Instruments TPS22916CLYFPR Datasheet HTML 2Page - Texas Instruments TPS22916CLYFPR Datasheet HTML 3Page - Texas Instruments TPS22916CLYFPR Datasheet HTML 4Page - Texas Instruments TPS22916CLYFPR Datasheet HTML 5Page - Texas Instruments TPS22916CLYFPR Datasheet HTML 6Page - Texas Instruments TPS22916CLYFPR Datasheet HTML 7Page - Texas Instruments TPS22916CLYFPR Datasheet HTML 8Page - Texas Instruments TPS22916CLYFPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 4
6.1 Absolute Maximum Ratings........................................ 4
6.2 ESD Ratings............................................................... 4
6.3 Recommended Operating Conditions.........................4
6.4 Thermal Information....................................................4
6.5 Electrical Characteristics.............................................5
6.6 Switching Characteristics............................................6
6.7 Typical Characteristics................................................ 8
7 Parameter Measurement Information.......................... 15
8 Detailed Description......................................................16
8.1 Overview................................................................... 16
8.2 Functional Block Diagram......................................... 16
8.3 Feature Description...................................................16
8.4 Device Functional Modes..........................................17
9 Application and Implementation.................................. 18
9.1 Application Information............................................. 18
9.2 Typical Application.................................................... 18
10 Power Supply Recommendations..............................19
11 Layout........................................................................... 20
11.1 Layout Guidelines................................................... 20
11.2 Layout Example...................................................... 20
11.3 Thermal Considerations.......................................... 20
12 Device and Documentation Support..........................21
12.1 Documentation Support.......................................... 21
12.2 Receiving Notification of Documentation Updates..21
12.3 Support Resources................................................. 21
12.4 Trademarks.............................................................21
12.5 Electrostatic Discharge Caution..............................21
12.6 Glossary..................................................................21
13 Mechanical, Packaging, and Orderable
Information.................................................................... 21
13.1 Tape and Reel Information......................................22
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision E (September 2020) to Revision F (December 2021)
Page
• Added TPS22916CNL and TPS22916BL orderables to the data sheet............................................................. 1
Changes from Revision D (October 2019) to Revision E (September 2020)
Page
• Updated the numbering format for tables, figures and cross-references throughout the document...................1
Changes from Revision C (October 2018) to Revision D (October 2019)
Page
• Changed package dimensions from 0.74 mm x 0.74 mm to 0.78 mm x 0.78 mm..............................................1
Changes from Revision B (December 2017) to Revision C (October 2018)
Page
• Changed Package Drawing Dimensions ......................................................................................................... 21
Changes from Revision A (September 2017) to Revision B (December 2017)
Page
• Changed Pinout drawing labeled Laser Marking................................................................................................ 1
Changes from Revision * (July 2017) to Revision A (September 2017)
Page
• Changed device document from Advanced Info to Production Data ................................................................. 1
TPS22916
SLVSDO5F – JULY 2017 – REVISED DECEMBER 2021
www.ti.com
2
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TPS22916



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com