Electronic Components Datasheet Search
  English  ▼

X  

XC9801 Datasheet(PDF) 8 Page - Torex Semiconductor

Part # XC9801
Description  Step-Up Charge Pump ICs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9801 Datasheet(HTML) 8 Page - Torex Semiconductor

Back Button XC9801 Datasheet HTML 2Page - Torex Semiconductor XC9801 Datasheet HTML 3Page - Torex Semiconductor XC9801 Datasheet HTML 4Page - Torex Semiconductor XC9801 Datasheet HTML 5Page - Torex Semiconductor XC9801 Datasheet HTML 6Page - Torex Semiconductor XC9801 Datasheet HTML 7Page - Torex Semiconductor XC9801 Datasheet HTML 8Page - Torex Semiconductor XC9801 Datasheet HTML 9Page - Torex Semiconductor XC9801 Datasheet HTML 10Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Electrical Characteristics (Doubler)
(1) Output Voltage vs. Output Current
(2) Efficiency vs. Output Current
(3) Ripple Voltage vs. Output Current
8
XC9801/02 Series
Step-Up Charge Pump ICs
XC9801B503KR
(300kHz,SENSE=0V Doubler)
4.0
5.0
6.0
7.0
8.0
0
2040
6080
100
Output Current IOUT(mA)
VIN=3V
VIN=3.6V
VIN=4V
CIN=1
µF(ceramic)
C1=0.47
µF,C2=4.7µF(ceramic)
XC9801B503KR
(300kHz,SENSE=0V Doubler)
0
20
40
60
80
100
0.1
1
10
100
Output Current IOUT(mA)
VIN=3V
VIN=3.6V
VIN=4V
CIN=1
µF(ceramic)
C1=0.47
µF, C2=4.7µF(ceramic)
XC9801B503KR
(300kHz, SENSE=0V, Doubler)
0
20
40
60
80
100
0.1
1
10
100
1000
Output Current IOUT(mA)
VIN=4V
VIN=3.6V
VIN=3V
CIN=1
µF(ceramic)
C1=0.47
µF, C2=4.7µF(ceramic)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com