Electronic Components Datasheet Search
  English  ▼

X  

XC9801 Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC9801
Description  Step-Up Charge Pump ICs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9801 Datasheet(HTML) 4 Page - Torex Semiconductor

  XC9801 Datasheet HTML 1Page - Torex Semiconductor XC9801 Datasheet HTML 2Page - Torex Semiconductor XC9801 Datasheet HTML 3Page - Torex Semiconductor XC9801 Datasheet HTML 4Page - Torex Semiconductor XC9801 Datasheet HTML 5Page - Torex Semiconductor XC9801 Datasheet HTML 6Page - Torex Semiconductor XC9801 Datasheet HTML 7Page - Torex Semiconductor XC9801 Datasheet HTML 8Page - Torex Semiconductor XC9801 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Electrical Characteristics
XC9801B333KR
VOUT=3.3V
XC9802B333KR
VOUT=3.3V
4
Test Conditions : Unless otherwise stated, Typical Application Circuit, VIN=3.6V, GND=0V, CE=VIN, No Load, SENSE=VIN(Regulation Output)
0.25
V
CE / Input Current
ICE
VIN=5.5V, SENSE=0V, External Components=CIN
-2.0
2.0
µA
CE / 'L' Level Voltage
VCEL
2.0
µA
Test Conditions : Unless otherwise stated, Typical Application Circuit, VIN=3.6V, GND=0V, CE=VIN, No Load, SENSE=VIN(Regulation Output)
Ta=25
OC
ICE
VIN=5.5V, SENSE=0V, External Components=CIN
-2.0
69
%
CE / 'H' Level Voltage
VCEH
1.5
V
EFFI3
64
IOUT=80mA
63
%
EFFI2
Regulation Output
IOUT=1mA
73
78
%
Power Converting Efficiency
EFFI
Doubler Output
IOUT=10mA
mA
Voltage Converting Efficiency
VEFFI
98
99
IIN2
%
Doubler Output
Regulation Output
20
40
Doubler Output
IOUT=10mA
0.08
Ω
Input Current
IIN
Doubler Output
5
mA
Output Impedence
ROUT
345
kHz
Switching Pulse Frequency
FOSC2 Regulation Output
IOUT=1mA
10
kHz
Oscillator Frequency
FOSC
External Component : CIN, SENSE=0V, VOUT open
3
IDD
VIN=3.6V, External Components=CIN, SENSE=0V, VOUT=VIN
1
255
300
6mA
Stand-by Current
ISTB
CE=0V
2.0
µA
Supply Current
66
mV
Operating Voltage Range
VIN
Doubler Output, VOUT > VIN × 2 × 0.95
1.8
5.5
V
Load Regulation
∆VOUT
-66
Regulation Output
1mA
≤ IOUT ≤ 32mA
3.218
3.3
3.383
V
Output Voltage
VOUT
Regulation Output
IOUT=1mA
MIN.
TYP. MAX. UNITS
PARAMETER
SYMBOL
CONDITIONS
CE / Input Current
V
CE / 'L' Level Voltage
VCEL
0.25
V
CE / 'H' Level Voltage
VCEH
1.5
64
69
%
EFFI3
IOUT=80mA
%
EFFI2
Regulation Output
IOUT=1mA
40
%
99
%
Power Converting Efficiency
EFFI
Doubler Output
IOUT=10mA
73
78
Voltage Converting Efficiency
VEFFI
Doubler Output
95
5mA
IIN2
Regulation Output
1.5
mA
Input Current
IIN
Doubler Output
20
40
Ω
Output Impedence
ROUT
Doubler Output
IOUT=10mA
2.0
µA
Oscillator Frequency
FOSC
External Component=CIN, SENSE=0V, VOUT open
255
300
345
kHz
Stand-by Current
ISTB
CE=0V
5.5
V
Supply Current
IDD
VIN=3.6V, External Components=CIN, SENSE=0V, VOUT=VIN
136
mA
Operating Voltage Range
VIN
Doubler Output, VOUT > VIN × 2 × 0.95
1.8
-66
66
mV
Load Regulation
∆VOUT Regulation Output
1mA
≤ IOUT ≤ 32mA
Ta=25
OC
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP. MAX. UNITS
Output Voltage
VOUT
Regulation Output
IOUT=1mA
3.218
3.3
3.383
V
XC9801/02 Series
Step-Up Charge Pump ICs



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com