Electronic Components Datasheet Search
  English  ▼

X  

XC9801 Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC9801
Description  Step-Up Charge Pump ICs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9801 Datasheet(HTML) 1 Page - Torex Semiconductor

  XC9801 Datasheet HTML 1Page - Torex Semiconductor XC9801 Datasheet HTML 2Page - Torex Semiconductor XC9801 Datasheet HTML 3Page - Torex Semiconductor XC9801 Datasheet HTML 4Page - Torex Semiconductor XC9801 Datasheet HTML 5Page - Torex Semiconductor XC9801 Datasheet HTML 6Page - Torex Semiconductor XC9801 Datasheet HTML 7Page - Torex Semiconductor XC9801 Datasheet HTML 8Page - Torex Semiconductor XC9801 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Input Voltage Range : 1.8V ~ 5.5V
Applications
Output Voltage Range : 2.5V ~ 5.2V
Palm top computers, PDAs
Oscillator Frequency : 300kHz
On Board Local Power Supplies
Maximum Output Current : 80mA (3.6
→5V step-up)
Various Battery Powered Devices
PFM (pulse skip) Operation During Light Loads (XC9802)
CE (chip enable) Function
MSOP-8A and USP-8 Packages
General Description
Features
Input Voltage Range : 1.8V
~ 5.5V
Output Voltage Range : 2.5V
~ 5.2V
Small Input Current : 80
µA (no load:XC9802)
Output Current : 80mA (3.6V
→ 5V step-up)
Oscillator Frequency : 300kHz
Stand-By Current (CE 'L') : 2.0
µA (max)
Can be used as a Step-Up Doubler (sense = 0V)
MSOP-8A and USP-8 Package
Pin Configuration
Pin Assignment
MSOP-8A USP-8
1
1
SENSE
22
CE
3
3
VIN
4
4
GND
5
5
PGND
6
6
C1 -
7
7
C1 +
8
8
VOUT
Selection Guide
SERIES
XC9801
pulse skip
×
XC9802
pulse skip
ο
Ordering Information
XC9801/02
DESIGNATOR
B
3
K
D
Package :USP-8
R
L
* Avoid the following condition
VIN < (VOUT/2) or VIN ³ VOUT
Embossed tape. Standard Feed
Embossed tape. Reverse Feed
Step-Up Charge Pump ICs
March 1, 2003, V6
FUNCTION
25~52
Oscillator Frequency : 300kHz
Package : MSOP-8A
DESCRIPTION
Power Ground
True Logic Level at CE Pin : Positive
Output Voltage* 5V: standard 2.5V ~ 5.2V: semi-custom
5.0V
→
=5,
=0
Output Voltage Monitor
Chip Enable
Input (power supply)
Ground
XC9801/02 Series
External Capacitor
-
The XC9801 series are fixed regulated voltage step-up charge pump ICs which
provide stable, highly efficient, positive voltages with the only external
components required being 2 capacitors.
Since regulating is done via the control of the charge pump's gate voltage
waveform, ripple is minimal. Output voltage is selectable in 0.1V steps within a
2.5V ~ 5.2V range.
Control of XC9802 switches to PFM (pulse skip) during light loads without
affecting output impedance or ripple so that the IC is protected against drops in
efficiency. Connecting the SENSE pin to the GND pin allows the IC to be used
as a voltage doubler.
As well as the ultra small MSOP-8A and USP-8 packages, the small
consumption current and high efficiencies of the series make the XC9801
suitable for use with all types of battery operated applications.
PIN NUMBER
PIN NAME
FUNCTION
External Capacitor +
Output
SENSE 1
CE 2
VIN 3
GND 4
8 VOUT
7 C1 +
6 C1 -
MSOP-8A
(TOP VIEW)
SENSE 1
CE 2
VIN 3
GND 4
8 VOUT
7 C1 +
6 C1 -
5 PGND
USP-8
(TOP VIEW)
1


Similar Part No. - XC9801

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9801 TOREX-XC9801 Datasheet
824Kb / 12P
Regulated Voltage Step-Up Charge Pump ICs
XC9801 TOREX-XC9801 Datasheet
498Kb / 12P
Regulated Voltage Step-Up Charge Pump ICs
XC9801B253DL TOREX-XC9801B253DL Datasheet
824Kb / 12P
Regulated Voltage Step-Up Charge Pump ICs
XC9801B253DR TOREX-XC9801B253DR Datasheet
824Kb / 12P
Regulated Voltage Step-Up Charge Pump ICs
XC9801B253KL TOREX-XC9801B253KL Datasheet
824Kb / 12P
Regulated Voltage Step-Up Charge Pump ICs
More results

Similar Description - XC9801

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AME7720 AKM-AME7720 Datasheet
267Kb / 16P
Step-Up/Step-Down 60mA Regulated Charge Pump
logo
Torex Semiconductor
XC9801 TOREX-XC9801_1 Datasheet
824Kb / 12P
Regulated Voltage Step-Up Charge Pump ICs
logo
Analog Microelectronics
AME7739 AME-AME7739 Datasheet
169Kb / 11P
Step-Up / Step-Down 60mA Regulated Charge Pump
logo
Holtek Semiconductor In...
HT7936A HOLTEK-HT7936A Datasheet
1Mb / 16P
White LED Step-up Charge Pump Converter
December 28, 2009
logo
Maxim Integrated Produc...
MAX1595 MAXIM-MAX1595_09 Datasheet
492Kb / 7P
Regulated 3.3V/5.0V Step-Up/Step-Down Charge Pump
Rev 2; 6/09
logo
Torex Semiconductor
XC9801 TOREX-XC9801_2 Datasheet
498Kb / 12P
Regulated Voltage Step-Up Charge Pump ICs
logo
Holtek Semiconductor In...
HT7936A HOLTEK-HT7936A_10 Datasheet
1Mb / 16P
White LED Step-up Charge Pump Converter
logo
Maxim Integrated Produc...
MAX1595 MAXIM-MAX1595_11 Datasheet
180Kb / 7P
Regulated 3.3V/5.0V Step-Up/Step-Down Charge Pump
Rev 3; 10/11
logo
ON Semiconductor
LA5797MC ONSEMI-LA5797MC Datasheet
188Kb / 4P
Charge Pump Step-up Power Supply
August, 2013
logo
Holtek Semiconductor In...
HT7936A HOLTEK-HT7936A_16 Datasheet
1Mb / 15P
White LED Step-up Charge Pump Converter
June 25, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com