Electronic Components Datasheet Search
  English  ▼

X  

LT8335 Datasheet(PDF) 34 Page - Analog Devices

Part # LT8335
Description  60V 2MHz Low-IQ Boost, SEPIC and Flyback Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8335 Datasheet(HTML) 34 Page - Analog Devices

Back Button LT8335 Datasheet HTML 26Page - Analog Devices LT8335 Datasheet HTML 27Page - Analog Devices LT8335 Datasheet HTML 28Page - Analog Devices LT8335 Datasheet HTML 29Page - Analog Devices LT8335 Datasheet HTML 30Page - Analog Devices LT8335 Datasheet HTML 31Page - Analog Devices LT8335 Datasheet HTML 32Page - Analog Devices LT8335 Datasheet HTML 33Page - Analog Devices LT8335 Datasheet HTML 34Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 34 / 34 page
background image
LT8357
34
Rev. 0
For more information www.analog.com
www.analog.com
ANALOG DEVICES, INC. 2021
06/21
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LT3757/LT3757A
Boost, Flyback, SEPIC and Inverting
Controllers
VIN: 2.9V to 40V, Positive or Negative VOUT, 3mm × 3mm DFN-10, MSOP-10E
LT3758/LT3758A
High Input Voltage, Boost, Flyback,
SEPIC and Inverting Controllers
VIN: 5.5V to 100V, Positive or Negative VOUT, 3mm × 3mm DFN-10, MSOP-10E
LT3759
Boost, Flyback, SEPIC and Inverting
Controller
VIN: 1.6V to 42V, Positive or Negative VOUT, MSOP-12E
LT8710
Synchronous SEPIC/Inverting/Boost
Controller with Output Current Control
VIN: 4.5V to 80V, Rail-to-Rail Output Current Monitor and Control, TSSOP-28
LT8330/LT8331/
LT8335
25V/60V/100V Low IQ Boost/SEPIC/
Flyback/Inverting Converters
Low IQ Monolithic with Integrated 28V/2A, 60V/1A and 140V/0.5A Switch, 3mm × 2mm
DFN-8, MSOP-16(12)E
LT8362/LT8364
60V Low IQ Boost/SEPIC/Inverting
Converters
Low IQ Monolithic with Integrated 60V/2A/4A Switch, 3mm × 3mm DFN-10, 4mm × 3mm
DFN-12, MSOP-16(12)E
100k
D1
M1
15m
100pF
10nF
350kHz
95.3k
2.2µF
100µF
x3
10uF
x2
5
1M
442k
100k
4.7nF
10k
D2
100k
4.22k
1µF
220nF
4.02k
10nF
162k
22.1k
499
D3
EN/UVLO
VC
FB
SYNC/MODE
VIN
LT8357
GND
PGOOD
SS
RT
GATEP
GATEN
INTVCC
VIN
4.5V TO 56V
100V
VOUT
5V/0.8A @ VIN = 4.5V
5V/1.2A @ VIN = 12V
5V/1.5A @ VIN = 24V
10V
SENSE
INTVCC
T1: SUMIDA 12387-T079
M1: INFINEON BSC123N10LS
D1: NEXPERIA ES1DRX
D2: ON SEMI FSV10100
D3: NEXPERIA BAS516
1:1
T1
PS2801-1
VIN
GND
OC OPTO
COMP
FB
LT4430
8357 TA07
4.5V to 56V Input, 5V Output Isolated Flyback Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com