Electronic Components Datasheet Search
  English  ▼

X  

LT8335 Datasheet(PDF) 9 Page - Analog Devices

Part # LT8335
Description  60V 2MHz Low-IQ Boost, SEPIC and Flyback Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8335 Datasheet(HTML) 9 Page - Analog Devices

Back Button LT8335 Datasheet HTML 5Page - Analog Devices LT8335 Datasheet HTML 6Page - Analog Devices LT8335 Datasheet HTML 7Page - Analog Devices LT8335 Datasheet HTML 8Page - Analog Devices LT8335 Datasheet HTML 9Page - Analog Devices LT8335 Datasheet HTML 10Page - Analog Devices LT8335 Datasheet HTML 11Page - Analog Devices LT8335 Datasheet HTML 12Page - Analog Devices LT8335 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
LT8357
9
Rev. 0
For more information www.analog.com
OPERATION
Main Control Loop
The LT8357 uses a fixed frequency, current mode con-
trol scheme to provide excellent line and load regulation.
Operation can be best understood by referring to the
Block Diagram. The inductor current is sensed through
the current sense resistor from the SENSE pin to ground.
The current sense voltage is gained up by amplifier A2
and added to a slope compensation ramp signal from the
internal oscillator. The summing signal is then fed into
the positive terminal of the current comparator A1. The
negative terminal of A1 is controlled by the voltage on the
VC pin, which is the output of the error amplifier EA. The
EA amplifies the difference between the feedback voltage
on the FB pin and the 1V reference voltage, and adjusts
the VC voltage accordingly to set the correct peak switch
current level to keep the output voltage in regulation.
Light Load Current Operation
At light load, the user can program the SYNC/MODE pin
to allow the LT8357 running either in the pulse-skipping
mode or low ripple Burst Mode operation. When operat-
ing in the pulse-skipping mode, the power switches are
held off for multiple clock cycles (i.e., skipping pulses)
to maintain the regulation and improve the efficiency. To
further enhance the efficiency while minimizing the input
quiescent current and output voltage ripple, the LT8357
can also operate in the low ripple Burst Mode. When in the
Burst Mode operation, the LT8357 delivers a single small
pulse of current to the output capacitor every switching
cycle, followed by a long sleep period where the output
power is supplied by the output capacitor. During the
sleep period, the LT8357 shuts down most of the cir-
cuits and thus consumes very low (8μA typical) input
quiescent current.
As the output load decreases, the frequency of the single
current pulse decreases (see Figure 1) and the percent-
age of sleep period increases, resulting in much higher
light load efficiency than typical converters. To optimize
the quiescent current performance at light load, the cur-
rent in the feedback resistor divider must be minimized
as it appears to the output as load current. In addition, all
possible leakage currents from the output should also be
minimized as they all add to the equivalent output load.
The largest contributor to leakage current can be due to
the reverse biased leakage of the output diode (see the
Output Diode Selection in the Applications Information
section).
FRONT PAGE APPLICATION
VIN = 12V, VOUT = 24V
LOAD CURRENT (A)
0.0
0.4
0.8
1.2
1.6
2
0
0.5
1.0
1.5
2.0
2.5
8357 F01
Figure 1. Burst Frequency vs Load Current
When in Burst Mode operation, the switch current limit is
approximately 10mV (typical) on the SENSE pin, resulting
in low output voltage ripple. Increasing the output capaci-
tance will decrease the output ripple proportionally. As
the output load ramps upward from zero, the switching
frequency will increase but only up to the fixed oscillator
frequency set by the resistor on the RT pin, as shown in
Figure 1. The output load at which the LT8357 reaches
the fixed frequency varies based on input voltage, output
voltage and inductor choice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com