Electronic Components Datasheet Search
  English  ▼

X  

LT8335 Datasheet(PDF) 5 Page - Analog Devices

Part # LT8335
Description  60V 2MHz Low-IQ Boost, SEPIC and Flyback Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8335 Datasheet(HTML) 5 Page - Analog Devices

  LT8335 Datasheet HTML 1Page - Analog Devices LT8335 Datasheet HTML 2Page - Analog Devices LT8335 Datasheet HTML 3Page - Analog Devices LT8335 Datasheet HTML 4Page - Analog Devices LT8335 Datasheet HTML 5Page - Analog Devices LT8335 Datasheet HTML 6Page - Analog Devices LT8335 Datasheet HTML 7Page - Analog Devices LT8335 Datasheet HTML 8Page - Analog Devices LT8335 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
LT8357
5
Rev. 0
For more information www.analog.com
TA = 25˚C, unless otherwise noted.
TYPICAL PERFORMANCE CHARACTERISTICS
Switching Waveforms (in CCM)
Switching Waveforms (in DCM/
Light Burst Mode)
Switching Waveforms (in Deep
Burst Mode)
VIN Quiescent Current (Shutdown)
vs Temperature
VIN Quiescent Current (Sleep
Mode) vs Temperature
VIN Quiescent Current (Active
Mode) vs Temperature
EN/UVLO Enable Threshold vs
Temperature
FB Regulation Voltage vs
Temperature
Maximum Current Sense
Threshold vs Temperature
1 s/DIV
VOUT
100mV/DIV
VSW
10V/DIV
IL
1A/DIV
8357 G01
FRONT PAGE APPLICATION
VIN = 12V, VOUT = 24V, IOUT = 600mA
1 s/DIV
VOUT
100mV/DIV
VSW
10V/DIV
IL
1A/DIV
FRONT PAGE APPLICATION
VIN = 12V, VOUT = 24V, IOUT = 100mA
8357 G02
80 s/DIV
VOUT
100mV/DIV
VSW
10V/DIV
IL
1A/DIV
FRONT PAGE APPLICATION
VIN = 12V, VOUT = 24V, IOUT = 0mA
8357 G03
VIN = 12V
VIN = 60V
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
1.0
1.4
1.8
2.2
2.6
3.0
8357 G04
VIN = 12V
VIN = 60V
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
0
4
8
12
16
20
8357 G05
VIN = 12V
VIN = 60V
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
800
820
840
860
880
900
8357 G06
RISING
FALLING
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
1.150
1.170
1.190
1.210
1.230
1.250
8357 G07
VIN = 60V
VIN = 12V
VIN = 3V
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
0.988
0.992
0.996
1.000
1.004
1.008
1.012
8357 G08
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
50
55
60
65
70
8357 G09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com