Electronic Components Datasheet Search
  English  ▼

X  

LT3790 Datasheet(PDF) 17 Page - Analog Devices

Part # LT3790
Description  60V Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3790 Datasheet(HTML) 17 Page - Analog Devices

Back Button LT3790 Datasheet HTML 13Page - Analog Devices LT3790 Datasheet HTML 14Page - Analog Devices LT3790 Datasheet HTML 15Page - Analog Devices LT3790 Datasheet HTML 16Page - Analog Devices LT3790 Datasheet HTML 17Page - Analog Devices LT3790 Datasheet HTML 18Page - Analog Devices LT3790 Datasheet HTML 19Page - Analog Devices LT3790 Datasheet HTML 20Page - Analog Devices LT3790 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
LT8392
17
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Inductor Selection
The switching frequency and inductor selection are inter-
related in that higher switching frequencies allow the use
of smaller inductor and capacitor values. The inductor
value has a direct effect on ripple current. The highest cur-
rent ripple ∆IL% happens in the buck region at VIN(MAX),
and the lowest current ripple ∆IL% happens in the boost
region at VIN(MIN). For any given ripple allowance set by
customers, the minimum inductance can be calculated as:
LBUCK >
VOUT • VIN(MAX) − VOUT
(
)
f •IOUT(MAX) • ΔIL% • VIN(MAX)
LBOOST >
VIN(MIN)
2 • VOUT − VIN(MIN)
(
)
f •IOUT(MAX) • ΔIL% • VOUT
2
where:
ΔIL% =
ΔIL
IL(AVG)
f is switching frequency
VIN(MIN) is minimum input voltage
VIN(MAX) is maximum input voltage
VOUT is output voltage
IOUT(MAX) is maximum output current
Slope compensation provides stability in constant fre-
quency current mode control by preventing subharmonic
oscillations at certain duty cycles. The minimum induc-
tance required for stability when duty cycles are larger
than 50% can be calculated as:
L
>
10 • VOUT •RSENSE
f
For high efficiency, choose an inductor with low core loss,
such as ferrite. Also, the inductor should have low DC
resistance to reduce the I2R losses, and must be able to
handle the peak inductor current without saturating. To
minimize radiated noise, use a shielded inductor.
RSENSE Selection and Maximum Output Current
RSENSE is chosen based on the required output current.
The duty cycle independent maximum current sense
thresholds (50mV in peak-buck and 50mV in peak-boost)
set the maximum inductor peak current in buck region,
buck-boost region, and boost region.
In boost region, the lowest maximum average load cur-
rent happens at VIN(MIN) and can be calculated as:
IOUT(MAX_BOOST) =
50mV
RSENSE
−
ΔIL(BOOST)
2
⎛
⎝⎜
⎞
⎠⎟
•
VIN(MIN)
VOUT
where ∆IL(BOOST) is peak-to-peak inductor ripple current
in boost region and can be calculated as:
ΔIL(BOOST) =
VIN(MIN) • VOUT − VIN(MIN)
(
)
f •L • VOUT
In buck region, the lowest maximum average load current
happens at VIN(MAX) and can be calculated as:
IOUT(MAX_BUCK) =
50mV
RSENSE
−
ΔIL(BUCK)
2
⎛
⎝⎜
⎞
⎠⎟
where ∆IL(BUCK) is peak-to-peak inductor ripple current in
buck region and can be calculated as:
ΔIL(BUCK) =
VOUT • VIN(MAX) − VOUT
(
)
f •L • VIN(MAX)
The maximum current sense RSENSE in boost region is:
RSENSE(BOOST) =
2 • 50mV • VIN(MIN)
2 •IOUT(MAX) • VOUT + ΔIL(BOOST) • VIN(MIN)
The maximum current sense RSENSE in buck region is
RSENSE(BUCK) =
2 • 50mV
2 •IOUT(MAX) + ΔIL(BUCK)
The final RSENSE value should be lower than the calculated
RSENSE in both buck and boost regions. A 20% to 30%
margin is usually recommended. Always choose a low
ESL current sense resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com