Electronic Components Datasheet Search
  English  ▼

X  

LT3790 Datasheet(PDF) 19 Page - Analog Devices

Part # LT3790
Description  60V Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3790 Datasheet(HTML) 19 Page - Analog Devices

Back Button LT3790 Datasheet HTML 15Page - Analog Devices LT3790 Datasheet HTML 16Page - Analog Devices LT3790 Datasheet HTML 17Page - Analog Devices LT3790 Datasheet HTML 18Page - Analog Devices LT3790 Datasheet HTML 19Page - Analog Devices LT3790 Datasheet HTML 20Page - Analog Devices LT3790 Datasheet HTML 21Page - Analog Devices LT3790 Datasheet HTML 22Page - Analog Devices LT3790 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
LT8392
19
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Switch C operates in boost region as the control switch.
Its power dissipation at maximum current is given by:
PC(BOOST) =
VOUT − VIN
(
)• VOUT
VIN 2
•IOUT(MAX)
2 • ρT
•RDS(ON) + k • VOUT3 •
IOUT(MAX)
VIN
• CRSS • f
where CRSS is usually specified by the MOSFET manufac-
turers. The constant k, which accounts for the loss caused
by reverse recovery current, is inversely proportional to
the gate drive current and has an empirical value of 1.7.
For switch D, the maximum power dissipation happens in
boost region, when its duty cycle is higher than 50%. Its
maximum power dissipation at maximum output current
is given by:
PD(BOOST) =
VOUT
VIN
•IOUT(MAX)
2 • ρT •RDS(ON)
For the same output voltage and current, switch A has the
highest power dissipation and switch B has the lowest
power dissipation unless a short occurs at the output.
From a known power dissipated in the power MOSFET, its
junction temperature can be obtained using the following
formula:
TJ = TA + P • RTH(JA)
The junction-to-ambient thermal resistance RTH(JA)
includes the junction-to-case thermal resistance RTH(JC)
and the case-to-ambient thermal resistance RTH(CA). This
value of TJ can then be compared to the original, assumed
value used in the iterative calculation process.
Optional Schottky Diode (DB, DD) Selection
The optional Schottky diodes DB (in parallel with switch
B) and DD (in parallel with switch D) conduct during the
dead time between the conduction of the power MOSFET
switches. They are intended to prevent the body diode
of synchronous switches B and D from turning on and
storing charge during the dead time. In particular, DB
significantly reduces reverse recovery current between
switch B turn-off and switch A turn-on, and DD signifi-
cantly reduces reverse recovery current between switch
D turn-off and switch C turn-on. They improve converter
efficiency and reduce switch voltage stress. In order for
the diode to be effective, the inductance between it and
the synchronous switch must be as small as possible,
mandating that these components be placed adjacently.
CIN and COUT Selection
Input and output capacitance is necessary to suppress
voltage ripple caused by discontinuous current moving
in and out the regulator. A parallel combination of capac-
itors is typically used to achieve high capacitance and low
equivalent series resistance (ESR). Dry tantalum, special
polymer, aluminum electrolytic and ceramic capacitors are
all available in surface mount packages. Capacitors with
low ESR and high ripple current ratings, such as OS-CON
and POSCAP are also available.
Ceramic capacitors should be placed near the regulator
input and output to suppress high frequency switching
spikes. Ceramic capacitors, of at least 1µF, should also
be placed from VIN to GND and VOUT to GND as close to
the LT8392 pins as possible. Due to their excellent low
ESR characteristics, ceramic capacitors can significantly
reduce input ripple voltage and help reduce power loss
in the higher ESR bulk capacitors. X5R or X7R dielec-
trics are preferred, as these materials retain their capac-
itance over wide voltage and temperature ranges. Many
ceramic capacitors, particularly 0805 or 0603 case sizes,
have greatly reduced capacitance at the desired operating
voltage.
Input Capacitance CIN: Discontinuous input current is
highest in the buck region due to the switch A toggling
on and off. Make sure that the CIN capacitor network has
low enough ESR and is sized to handle the maximum RMS
current. In buck region, the input RMS current is given by:
IRMS ≈IOUT(MAX) •
VOUT
VIN
•
VIN
VOUT
− 1
The formula has a maximum at VIN = 2VOUT, where IRMS
= IOUT(MAX)/2. This simple worst-case condition is com-
monly used for design because even significant deviations
do not offer much relief.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com