Electronic Components Datasheet Search
  English  ▼

X  

LT3790 Datasheet(PDF) 23 Page - Analog Devices

Part # LT3790
Description  60V Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3790 Datasheet(HTML) 23 Page - Analog Devices

Back Button LT3790 Datasheet HTML 19Page - Analog Devices LT3790 Datasheet HTML 20Page - Analog Devices LT3790 Datasheet HTML 21Page - Analog Devices LT3790 Datasheet HTML 22Page - Analog Devices LT3790 Datasheet HTML 23Page - Analog Devices LT3790 Datasheet HTML 24Page - Analog Devices LT3790 Datasheet HTML 25Page - Analog Devices LT3790 Datasheet HTML 26Page - Analog Devices LT3790 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
LT8392
23
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
SS pin. As the SS pin voltage rises linearly from 0.25V
to 1V (and beyond), the output voltage rises smoothly
into its final voltage regulation. The soft-start time can
be calculated as:
tSS = 1V •
CSS
12.5µA
Make sure the CSS is at least five to ten times larger than
the compensation capacitor on the VC pin for a well-con-
trolled output voltage soft-start. A 22nF ceramic capacitor
is a good starting point.
The SS pin is also used as a fault timer. Once an output
short-circuit fault is detected, a 1.25µA pull-down current
source is activated. Using a single resistor from the SS
pin to the VREF pin, the LT8392 can be set to three differ-
ent fault protection modes: hiccup (no resistor), latch-off
(499k), and keep-running (100k).
With a 100k resistor in keep-running mode, the LT8392
continues switching normally and regulates the current
into ground. With a 499k resistor in latch-off mode, the
LT8392 stops switching until the EN/UVLO pin is pulled
low and high to restart. With no resistor in hiccup mode,
the LT8392 enters low duty cycle auto-retry operation.
The 1.25µA pull-down current discharges the SS pin to
0.2V and then 12.5µA pull-up current charges the SS
pin up. If the output short-circuit condition has not been
removed when the SS pin reaches 1.75V, the 1.25µA pull-
down current turns on again, initiating a new hiccup cycle.
This will continue until the fault is removed. Once the
output short-circuit condition is removed, the output will
have a smooth short-circuit recovery due to soft-start.
Loop Compensation
The LT8392 uses an internal transconductance error
amplifier, the output of which, VC, compensates the con-
trol loop. The external inductor, output capacitor, and the
compensation resistor and capacitor determine the loop
stability.
The inductor and output capacitor are chosen based on
performance, size and cost. The compensation resistor
and capacitor on the VC pin are set to optimize control
loop response and stability. For a typical voltage regulator
application, a 2.2nF compensation capacitor on the VC pin
is adequate, and a series resistor should always be used
to increase the slew rate on the VC pin to maintain tighter
output voltage regulation during fast transients on the
input supply of the converter.
Efficiency Considerations
The power efficiency of a switching regulator is equal to
the output power divided by the input power times 100%.
It is often useful to analyze individual losses to determine
what is limiting the efficiency and which change would
produce the most improvement. Although all dissipative
elements in circuits produce losses, four main sources
account for most of the losses in LT8392 circuits:
1. DC I2R losses. These arise from the resistances of the
MOSFETs, sensing resistor, inductor and PC board
traces and cause the efficiency to drop at high output
currents.
2. Transition loss. This loss arises from the brief amount
of time switch A or switch C spends in the saturated
region during switch node transitions. It depends upon
the input voltage, load current, driver strength and
MOSFET capacitance, among other factors.
3. INTVCC current. This is the sum of the MOSFET driver
and control currents.
4. CIN and COUT loss. The input capacitor has the diffi-
cult job of filtering the large RMS input current to the
regulator in buck region. The output capacitor has the
difficult job of filtering the large RMS output current in
boost region. Both CIN and COUT are required to have
low ESR to minimize the AC I2R loss and sufficient
capacitance to prevent the RMS current from causing
additional upstream losses in fuses or batteries.
5. Other losses. Schottky diode DB and DD are responsi-
ble for conduction losses during dead time and light
load conduction periods. Inductor core loss occurs
predominately at light loads. Switch A causes reverse



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com