Electronic Components Datasheet Search
  English  ▼

X  

LT8580 Datasheet(PDF) 5 Page - Analog Devices

Part # LT8580
Description  Low IQ Boost/SEPIC/Inverting Converter with 1.5A, 150V Switch
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8580 Datasheet(HTML) 5 Page - Analog Devices

  LT8580 Datasheet HTML 1Page - Analog Devices LT8580 Datasheet HTML 2Page - Analog Devices LT8580 Datasheet HTML 3Page - Analog Devices LT8580 Datasheet HTML 4Page - Analog Devices LT8580 Datasheet HTML 5Page - Analog Devices LT8580 Datasheet HTML 6Page - Analog Devices LT8580 Datasheet HTML 7Page - Analog Devices LT8580 Datasheet HTML 8Page - Analog Devices LT8580 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
LT8365
5
Rev. A
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Switching Frequency
vs Temperature
Switching Frequency vs VIN
Normalized Switching Frequency
vs FBX Voltage
FBX Positive Regulation Voltage
vs Temperature
FBX Negative Regulation Voltage
vs Temperature
EN/UVLO Pin Thresholds
vs Temperature
JUNCTION TEMPERATURE (°C)
–50 –25 0
25 50 75 100 125 150 175
1.568
1.576
1.584
1.592
1.600
1.608
1.616
1.624
1.632
8365 G01
VIN = 12V
JUNCTION TEMPERATURE (°C)
–50 –25 0
25 50 75 100 125 150 175
–0.820
–0.815
–0.810
–0.805
–0.800
–0.795
–0.790
–0.785
–0.780
8365 G02
VIN = 12V
EN/UVLO RISING (TURN–ON)
EN/UVLO FALLING (TURN–OFF)
JUNCTION TEMPERATURE (°C)
–50 –25 0
25 50 75 100 125 150 175
1.54
1.56
1.58
1.60
1.62
1.64
1.66
1.68
1.70
1.72
1.74
8365 G03
VOLTAGE (V)
–0.8
–0.4
0.0
0.4
0.8
1.2
1.6
0
25
50
75
100
125
8365 G06
VIN = 12V
Switch Current Limit
vs Duty Cycle
Switch Minimum On-Time
vs Temperature
Switch Minimum Off-Time
vs Temperature
DUTY CYCLE (%)
0
20
40
60
80
100
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
vs Duty Cycle
Switch Current Limit
8365 G07
JUNCTION TEMPERATURE (°C)
–50 –25 0
25 50 75 100 125 150 175
0
10
20
30
40
50
60
70
80
90
100
110
120
130
vs Temperature
Switch Minimum Off–Time
8365 G09
JUNCTION TEMPERATURE (°C)
–50 –25 0
25 50 75 100 125 150 175
380
384
388
392
396
400
404
408
412
416
420
8365 G04
VIN (V)
0 5 10 15 20 25 30 35 40 45 50 55 60
380
384
388
392
396
400
404
408
412
416
420
8365 G05
JUNCTION TEMPERATURE (°C)
–50 –25 0
25 50 75 100 125 150 175
50
60
70
80
90
100
110
120
130
140
150
8365 G08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com