Electronic Components Datasheet Search
  English  ▼

X  

LT8580 Datasheet(PDF) 7 Page - Analog Devices

Part # LT8580
Description  Low IQ Boost/SEPIC/Inverting Converter with 1.5A, 150V Switch
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8580 Datasheet(HTML) 7 Page - Analog Devices

Back Button LT8580 Datasheet HTML 3Page - Analog Devices LT8580 Datasheet HTML 4Page - Analog Devices LT8580 Datasheet HTML 5Page - Analog Devices LT8580 Datasheet HTML 6Page - Analog Devices LT8580 Datasheet HTML 7Page - Analog Devices LT8580 Datasheet HTML 8Page - Analog Devices LT8580 Datasheet HTML 9Page - Analog Devices LT8580 Datasheet HTML 10Page - Analog Devices LT8580 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
LT8365
7
Rev. A
For more information www.analog.com
PIN FUNCTIONS
EN/UVLO: Shutdown and Undervoltage Detect Pin. The
LT8365 is shut down when this pin is low and active
when this pin is high. Below an accurate 1.6V threshold,
the part enters undervoltage lockout and stops switching.
This allows an undervoltage lockout (UVLO) threshold to
be programmed for system input voltage by resistively
dividing down system input voltage to the EN/UVLO pin.
An 80mV pin hysteresis ensures part switching resumes
when the pin exceeds 1.68V. EN/UVLO pin voltage below
0.2V reduces VIN current below 1µA. If shutdown and
UVLO features are not required, the pin can be tied directly
to system input.
VIN: Input Supply. This pin must be locally bypassed. Be
sure to place the positive terminal of the input capacitor as
close as possible to the VIN pin, and the negative terminal
as close as possible to the exposed pad PGND copper
(near EN/UVLO).
INTVCC: Regulated 3.8V Supply for Internal Loads. The
INTVCC pin must be bypassed with a 1µF low ESR ceramic
capacitor to GND. No additional components or loading is
allowed on this pin. INTVCC draws power from the BIAS
pin if 4.4V ≤ BIAS ≤ VIN, otherwise INTVCC is powered by
the VIN pin.
NC: No Internal Connection. Leave this pin open.
BIAS:SecondInputSupplyforPoweringINTVCC.Removes
the majority of INTVCC current from the VIN pin to improve
efficiency when 4.4V ≤ BIAS ≤ VIN. If unused, tie the pin
to GND.
VC: Error Amplifier Output Pin. Tie external compensation
network to this pin.
FBX:VoltageRegulationFeedbackPinforPositiveorNega-
tive Outputs. Connect this pin to a resistor divider between
the output and the exposed pad GND copper (near FBX).
FBX reduces the switching frequency during start-up and
fault conditions when FBX is close to 0V.
RT: A resistor from this pin to the exposed pad GND cop-
per (near FBX) programs switching frequency.
SS: Soft-Start Pin. Connect a capacitor from this pin to
GNDcopper(nearFBX)tocontroltheramprateofinductor
current during converter start-up. SS pin charging current
is 2μA. An internal 220Ω MOSFET discharges this pin
during shutdown or fault conditions.
SYNC/MODE: This pin allows five selectable modes for
optimization of performance.
SYNC/MODE PIN INPUT
CAPABLE MODE(S) OF OPERATION
(1) GND or <0.14V
Burst
(2) External Clock
Pulse-Skipping/Sync
(3) 100k Resistor to GND
Burst/SSFM
(4) Float (Pin Open)
Pulse-Skipping
(5) INTVCC or >1.7V
Pulse-Skipping/SSFM
where the selectable modes of operation are:
Burst = low IQ, low output ripple operation at light loads
Pulse-skipping=skippedpulse(s)atlightload(alignedtoclock)
Sync = switching frequency synchronized to external clock
SSFM=SpreadSpectrumFrequencyModulationforlowEMI.
SW1, SW2 (SW): Output of the Internal Power Switch.
Minimize the metal trace area connected to these pins to
reduce EMI.
PGND,GND: Power Ground and Signal Ground for the
IC. The package has an exposed pad underneath the IC
which is the best path for heat out of the package. The pin
should be soldered to a continuous copper ground plane
under the device to reduce die temperature and increase
thepowercapabilityoftheLT8365.Connectpowerground
componentstotheexposedpadcopperexitingneartheEN/
UVLOandSWpins.Connectsignalgroundcomponentsto
the exposed pad copper exiting near the VC and FBX pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com