Electronic Components Datasheet Search
  English  ▼

X  

LT8580 Datasheet(PDF) 1 Page - Analog Devices

Part # LT8580
Description  Low IQ Boost/SEPIC/Inverting Converter with 1.5A, 150V Switch
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8580 Datasheet(HTML) 1 Page - Analog Devices

  LT8580 Datasheet HTML 1Page - Analog Devices LT8580 Datasheet HTML 2Page - Analog Devices LT8580 Datasheet HTML 3Page - Analog Devices LT8580 Datasheet HTML 4Page - Analog Devices LT8580 Datasheet HTML 5Page - Analog Devices LT8580 Datasheet HTML 6Page - Analog Devices LT8580 Datasheet HTML 7Page - Analog Devices LT8580 Datasheet HTML 8Page - Analog Devices LT8580 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
LT8365
1
Rev. A
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Low IQ Boost/SEPIC/Inverting
Converter with 1.5A, 150V Switch
The LT®8365 is a current mode DC/DC converter with a
1.5A, 150V switch operating from a 2.8V to 60V input.
With a unique single feedback pin architecture it is capable
of boost, SEPIC or inverting configurations. Burst Mode
operation consumes as low as 9µA quiescent current to
maintain high efficiency at very low output currents, while
keeping typical output ripple below 15mV.
An external compensation pin allows optimization of loop
bandwidth over a wide range of input and output voltages
andprogrammableswitchingfrequenciesbetween100kHz
and 500kHz. A SYNC/MODE pin allows synchronization
to an external clock. It can also be used to select between
burst or pulse-skipping modes of operation with or with-
out spread spectrum frequency modulation for low EMI.
For increased efficiency, a BIAS pin can accept a second
input to supply the INTVCC regulator. Additional features
include frequency foldback and programmable soft-start
to control inductor current during startup.
The LT8365 is available in a thermally enhanced 16-lead
MSOP package with four pins removed for high voltage
pin spacings.
400kHz, –250V Output Inverting Converter
APPLICATIONS
n
Wide Input Voltage Range: 2.8V to 60V
n
Ultralow Quiescent Current and Low Ripple
Burst Mode® Operation: IQ = 9µA
n
1.5A, 150V Power Switch
n
Positive or Negative Output Voltage Programming
with a Single Feedback Pin
n
Programmable Frequency (100kHz to 500kHz)
n
Synchronizable to an External Clock
n
Spread Spectrum Frequency Modulation for Low EMI
n
BIAS Pin for Higher Efficiency
n
Programmable Undervoltage Lockout (UVLO)
n
Thermally Enhanced 16-lead MSOP Package
n
AEC-Q100 Qualified for Automotive Applications
n
Industrial and Automotive
n
Telecom
n
Medical Diagnostic Equipment
n
Portable Electronics
All registered trademarks and trademarks are the property of their respective owners.
Switching Waveforms
1µF
10µF
1nF
0.22µF
1M
3.24k
84.5k
107k
0.22µF
10µH
0.1µF
20
20
0.22µF
0.1µF
EN/UVLO
RT
VIN
SW
FBX
BIAS
INTVCC
SS
GND
VC
LT8365
SYNC/MODE
VIN
VOUT
9V TO 30V
–250V
10mA
D1, D2, D3, D4: DIODES INC. DFLS1150
L1: WURTH ELEKTRONIK WE-PD 74437324100
VOUT
8365 TA01a
1µs/DIV
IL
500mA/DIV
VSW
50V/DIV
8365 TA01b


Similar Part No. - LT8580

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8580 LINER-LT8580 Datasheet
448Kb / 32P
Boost/SEPIC/Inverting DC/DC Converter with 1A, 65V Switch, Soft-Start and Synchronization
logo
Analog Devices
LT8580 AD-LT8580 Datasheet
1Mb / 30P
Low IQ Boost/SEPIC/Flyback/Inverting Converter with 0.5A, 140V Switch
03/20-REV.C
LT8580 AD-LT8580 Datasheet
1Mb / 24P
28V, 5A Low IQ Synchronous Step-Up Silent Switcher with PassThru
logo
Linear Technology
LT8580 LINER-LT8580_15 Datasheet
438Kb / 32P
Boost/SEPIC/Inverting DC/DC Converter with 1A, 65V Switch, Soft-Start and Synchronization
More results

Similar Description - LT8580

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3957 LINER-LT3957 Datasheet
365Kb / 28P
Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LT8364 LINER-LT8364 Datasheet
509Kb / 6P
Low IQ Boost/SEPIC/Inverting Regulator
LT8331 LINER-LT8331 Datasheet
1Mb / 30P
Low IQ Boost/SEPIC/ Flyback/Inverting Converter with 0.5A, 140V Switch
LT8361 LINER-LT8361 Datasheet
1Mb / 28P
Low IQ Boost/SEPIC/ Inverting Converter with 2A, 100V Switch
LT3957A LINER-LT3957A Datasheet
559Kb / 28P
Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LT8330 LINER-LT8330 Datasheet
1Mb / 24P
Low IQ Boost/SEPIC/ Inverting Converter with 1A, 60V Switch
LT8335 LINER-LT8335 Datasheet
1Mb / 20P
Low IQ Boost/SEPIC/ Inverting Converter with 2A, 28V Switch
LT8362 LINER-LT8362 Datasheet
2Mb / 32P
Low IQ Boost/SEPIC/ Inverting Converter with 2A, 60V Switch
logo
Analog Devices
LT8331 AD-LT8331 Datasheet
1Mb / 30P
Low IQ Boost/SEPIC/Flyback/Inverting Converter with 0.5A, 140V Switch
03/20-REV.C
LT8334 AD-LT8334 Datasheet
1Mb / 24P
Low IQ Boost/SEPIC/Inverting Converter with 5A, 40V Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com