Electronic Components Datasheet Search
  English  ▼

X  

OP183 Datasheet(PDF) 4 Page - Analog Devices

Part # OP183
Description  5 MHz Single-Supply Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP183 Datasheet(HTML) 4 Page - Analog Devices

  OP183 Datasheet HTML 1Page - Analog Devices OP183 Datasheet HTML 2Page - Analog Devices OP183 Datasheet HTML 3Page - Analog Devices OP183 Datasheet HTML 4Page - Analog Devices OP183 Datasheet HTML 5Page - Analog Devices OP183 Datasheet HTML 6Page - Analog Devices OP183 Datasheet HTML 7Page - Analog Devices OP183 Datasheet HTML 8Page - Analog Devices OP183 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
OP183
Rev. D | Page 4 of 16
ELECTRICAL CHARACTERISTICS @ VS = 3 V
TA = 25°C, unless otherwise noted.
Table 2.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
VCM = 1.5 V, VOUT = 1.5 V,
0.3
1.0
mV
−40°C ≤ TA ≤ +85°C
1.25
mV
Input Bias Current
IB
VCM = 1.5 V, VOUT = 1.5 V,
350
600
nA
−40°C ≤ TA ≤ +85°C
750
nA
Input Offset Current
IOS
VCM = 1.5 V, VOUT = 1.5 V,
nA
−40°C ≤ TA ≤ +85°C
11
±50
nA
Input Voltage Range
0
1.5
V
Common-Mode Rejection Ratio
CMRR
VCM = 0 V to 1.5 V,
−40°C ≤ TA ≤ +85°C
70
103
dB
Large Signal Voltage Gain
AVO
RL = 2 kΩ, 0.2 ≤ VO ≤ 1.8 V
100
260
V/mV
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
RL = 2 kΩ to GND
2.0
2.25
V
Output Voltage Low
VOL
RL = 2 kΩ to GND
90
125
mV
Short-Circuit Limit
ISC
Source
25
mA
Sink
30
mA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = 2.5 V to 3.5 V,
−40°C ≤ TA ≤ +85°C
60
113
dB
Supply Current/Amplifier
ISY
−40°C ≤ TA ≤ +85°C, VO = 1.5 V
1.2
1.5
mA
DYNAMIC PERFORMANCE
Gain Bandwidth Product
GBP
5
MHz
NOISE PERFORMANCE
Voltage Noise Density
en
f = 1 kHz, VCM = 1.5 V
10
nV/√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com