Electronic Components Datasheet Search
  English  ▼

X  

OP183 Datasheet(PDF) 8 Page - Analog Devices

Part # OP183
Description  5 MHz Single-Supply Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP183 Datasheet(HTML) 8 Page - Analog Devices

Back Button OP183 Datasheet HTML 4Page - Analog Devices OP183 Datasheet HTML 5Page - Analog Devices OP183 Datasheet HTML 6Page - Analog Devices OP183 Datasheet HTML 7Page - Analog Devices OP183 Datasheet HTML 8Page - Analog Devices OP183 Datasheet HTML 9Page - Analog Devices OP183 Datasheet HTML 10Page - Analog Devices OP183 Datasheet HTML 11Page - Analog Devices OP183 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
OP183
Rev. D | Page 8 of 16
15
10
5
0
1k
10k
100k
1M
10M
FREQUENCY (Hz)
30
20
25
TA = 25°C
RL = 2kΩ
VS = 15V
Figure 8. OP183 Maximum Output Swing vs. Frequency @ ±15 V
1
100m
10m
1m
1
μ
10
μ
100
μ
1m
10m
LOAD CURRENT (A)
SINK
SOURCE
Figure 9. Output Voltage vs. Sink & Source Current
600
500
400
300
200
100
0
–15
–10
–5
0
5
10
13.5
COMMON MODE VOLTAGE (V)
TA = 25°C
VS = ±15V
Figure 10. Input Bias Current vs. Common-Mode Voltage
500
400
300
200
100
0
–75
–50
–25
0
25
50
75
TEMPERATURE (°C)
VS = +3V
VS = ±15V,
VS = +5V
100
125
Figure 11. Input Bias Current vs. Temperature
1.50
1.00
0.75
0.50
0.25
0
–75
–50
–25
0
25
50
75
TEMPERATURE (°C)
100
125
1.25
VS = ±18V
RL =
VS = +3V
RL =
VS = +5V
RL =
Figure 12. Supply Current per Amplifier vs. Temperature
1.50
1.00
0.75
0.50
0.25
0
0
±2.5
±5.0
±7.5
±10.0
±12.5
±15.0
SUPPLY VOLTAGE (V)
±17.5
±20.0
1.25
TA = 25°C
Figure 13. Supply Current per Amplifier vs. Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com