Electronic Components Datasheet Search
  English  ▼

X  

OP183 Datasheet(PDF) 1 Page - Analog Devices

Part # OP183
Description  5 MHz Single-Supply Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP183 Datasheet(HTML) 1 Page - Analog Devices

  OP183 Datasheet HTML 1Page - Analog Devices OP183 Datasheet HTML 2Page - Analog Devices OP183 Datasheet HTML 3Page - Analog Devices OP183 Datasheet HTML 4Page - Analog Devices OP183 Datasheet HTML 5Page - Analog Devices OP183 Datasheet HTML 6Page - Analog Devices OP183 Datasheet HTML 7Page - Analog Devices OP183 Datasheet HTML 8Page - Analog Devices OP183 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
5 MHz Single-Supply
Operational Amplifier
OP183
Rev. D
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2005 Analog Devices, Inc. All rights reserved.
FEATURES
Single supply: 3 V to 36 V
Wide bandwidth: 5 MHz
Low offset voltage: 1 mV
High slew rate: 10 V/μs
Low noise: 10 nV/√Hz
Unity gain stable
Input and output range includes GND
No phase reversal
APPLICATIONS
Multimedia
Telecom
ADC buffers
Wide band filters
Microphone preamplifiers
GENERAL DESCRIPTION
The OP183 is a single-supply, 5 MHz bandwidth amplifier with
slew rates of 10 V/μs. It can operate from voltages as low as 3 V
and up to 36 V. This combination of slew rate and bandwidth
yields excellent single-supply ac performance, making this
amplifier ideally suited for telecom and multimedia audio
applications.
The OP183 also provides good dc performance with guaranteed
1 mV offset. Noise is a respectable 10 nV/√Hz. Supply current is
only 1.2 mA per amplifier.
This amplifier is well suited for single-supply applications that
require moderate bandwidth even when used in high gain
configurations. This makes it useful in filters and instrumenta-
tion. The output drive capability and very wide full-power
bandwidth of the OP183 make it a good choice for multimedia
headphone drivers or microphone input amplifiers.
The OP183 is available in a SO-8 surface-mount package. It is
specified over the extended industrial (−40°C to +85°C)
temperature range.
PIN CONNECTION
1
2
3
4
8
7
6
5
OP183
TOP VIEW
(Not to Scale)
NULL
–IN
+IN
V–
NC
V+
OUT
NULL
Figure 1. 8-Lead Narrow Body SOIC
(S Suffix)


Similar Part No. - OP183

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP183 AD-OP183 Datasheet
415Kb / 12P
5 MHz Single-Supply Operational Amplifiers
REV.B
OP183 AD-OP183 Datasheet
339Kb / 16P
5 MHz Single-Supply Operational Amplifier
REV. D
OP183 AD-OP183 Datasheet
908Kb / 88P
MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
REV. 0
OP183GP AD-OP183GP Datasheet
415Kb / 12P
5 MHz Single-Supply Operational Amplifiers
REV.B
OP183GS AD-OP183GS Datasheet
415Kb / 12P
5 MHz Single-Supply Operational Amplifiers
REV.B
More results

Similar Description - OP183

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2119 NJRC-NJM2119 Datasheet
217Kb / 5P
DUAL SINGLE-SUPPLY OPERATIONAL AMPLIFIER
NJM2125 NJRC-NJM2125 Datasheet
247Kb / 5P
SINGLE-SUPPLY OPERATIONAL AMPLIFIER
NJM2902 NJRC-NJM2902 Datasheet
255Kb / 7P
QUAD SINGLE-SUPPLY OPERATIONAL AMPLIFIER
NJM2904 NJRC-NJM2904 Datasheet
278Kb / 7P
SINGLE-SUPPLY OPERATIONAL AMPLIFIER?
logo
Analog Devices
OP183 AD-OP183 Datasheet
415Kb / 12P
5 MHz Single-Supply Operational Amplifiers
REV.B
logo
General Electric Compan...
CA3401 GEC-CA3401 Datasheet
342Kb / 4P
Quad Single-Supply Operational Amplifier
logo
Unisonic Technologies
3404 UTC-3404 Datasheet
136Kb / 5P
SINGLE-SUPPLY DUAL OPERATIONAL AMPLIFIER
logo
Analog Devices
OP183 AD-OP183_05 Datasheet
339Kb / 16P
5 MHz Single-Supply Operational Amplifier
REV. D
logo
Unisonic Technologies
M2904 UTC-M2904_10 Datasheet
234Kb / 6P
SINGLE-SUPPLY DUAL OPERATIONAL AMPLIFIER
logo
Analog Devices
OP183 AD-OP183_15 Datasheet
348Kb / 16P
5 MHz Single-Supply Operational Amplifier
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com