Electronic Components Datasheet Search
  English  ▼

X  

KCD2-SCD-EX1.SP Datasheet(PDF) 3 Page - Pepperl+Fuchs Inc.

Part # KCD2-SCD-EX1.SP
Description  SMART Current Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

KCD2-SCD-EX1.SP Datasheet(HTML) 3 Page - Pepperl+Fuchs Inc.

  KCD2-SCD-EX1.SP Datasheet HTML 1Page - Pepperl+Fuchs Inc. KCD2-SCD-EX1.SP Datasheet HTML 2Page - Pepperl+Fuchs Inc. KCD2-SCD-EX1.SP Datasheet HTML 3Page - Pepperl+Fuchs Inc. KCD2-SCD-EX1.SP Datasheet HTML 4Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Technical Data
Current
Io
100 mA
Power Po
630 mW
Internal capacitance Ci
5.7 nF
Internal inductance Li
negligible
Certificate
CESI 19 ATEX 021 X
Marking
1
II 3G Ex ec IIC T4 Gc
Galvanic isolation
Input/Output
safe electrical isolation acc. to IEC/EN 60079-11, voltage peak value 375 V
Output/power supply
safe electrical isolation acc. to IEC/EN 60079-11, voltage peak value 375 V
Directive conformity
Directive 2014/34/EU
EN 60079-0:2012+A11:2013 , EN 60079-11:2012 , EN 60079-7:2015
International approvals
FM approval
FM certificate
FM 18 CA 0116 X , FM 19 US 0117 X
Control drawing
116-0469 (cFMus)
UL approval
E106378
Control drawing
116-0459 (cULus)
IECEx approval
IECEx certificate
IECEx CES 06.0001X
IECEx marking
[Ex ia Ga] IIC , [Ex ia Da] IIIC , [Ex ia Ma] I
Ex ec IIC T4 Gc
General information
Supplementary information
Observe the certificates, declarations of conformity, instruction manuals, and manuals
where applicable. For information see www.pepperl-fuchs.com.
Assembly
KCD2-
SCD-Ex1
PWR
1
2
3
4
9
10
8
6
7
5
Front view
LED green:
Power supply
Removable spring terminals
green
Removable spring terminal
blue
Matching System Components
KFD2-EB2
Power Feed Module
SMART Current Driver
KCD2-SCD-Ex1.SP
3
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com