Electronic Components Datasheet Search
  English  ▼

X  

KCD2-SCD-EX1.SP Datasheet(PDF) 4 Page - Pepperl+Fuchs Inc.

Part # KCD2-SCD-EX1.SP
Description  SMART Current Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

KCD2-SCD-EX1.SP Datasheet(HTML) 4 Page - Pepperl+Fuchs Inc.

  KCD2-SCD-EX1.SP Datasheet HTML 1Page - Pepperl+Fuchs Inc. KCD2-SCD-EX1.SP Datasheet HTML 2Page - Pepperl+Fuchs Inc. KCD2-SCD-EX1.SP Datasheet HTML 3Page - Pepperl+Fuchs Inc. KCD2-SCD-EX1.SP Datasheet HTML 4Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Matching System Components
UPR-03
Universal Power Rail with end caps and cover, 3 conductors, length: 2 m
UPR-03-M
Universal Power Rail with end caps and cover, 3 conductors, length: 1,6 m
UPR-03-S
Universal Power Rail with end caps and cover, 3 conductors, length: 0.8 m
K-DUCT-BU
Profile rail, wiring comb field side, blue
K-DUCT-BU-UPR-03
Profile rail with UPR-03- * insert, 3 conductors, wiring comb field side, blue
Accessories
KC-CTT-5GN
Terminal block for KC modules, 2-pin spring terminal, with test sockets, green
KC-CTT-5BU
Terminal block for KC modules, 2-pin spring terminal, with test sockets, blue
KC-CTT-3GN2BU
Terminal block for KC modules, 2-pin spring terminal, with test sockets
KF-CP
Red coding pins, packaging unit: 20 x 6
SMART Current Driver
KCD2-SCD-Ex1.SP
4
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com