Electronic Components Datasheet Search
  English  ▼

X  

KCD2-SCD-EX1.SP Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # KCD2-SCD-EX1.SP
Description  SMART Current Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

KCD2-SCD-EX1.SP Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  KCD2-SCD-EX1.SP Datasheet HTML 1Page - Pepperl+Fuchs Inc. KCD2-SCD-EX1.SP Datasheet HTML 2Page - Pepperl+Fuchs Inc. KCD2-SCD-EX1.SP Datasheet HTML 3Page - Pepperl+Fuchs Inc. KCD2-SCD-EX1.SP Datasheet HTML 4Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMART Current Driver
KCD2-SCD-Ex1.SP
< 1-channel isolated barrier
< 24 V DC supply (Power Rail)
< Current output up to 650 Ω load
< HART I/P and valve positioner
< Lead breakage monitoring
< Housing width 12.5 mm
< Connection via spring terminals with push-in connection
technology
< Up to SIL 2 acc. to IEC/EN 61508
Function
This isolated barrier is used for intrinsic safety applications.
The device repeats the input signal from a control system to drive SMART I/P converters, electrical valves, and positioners located in a hazardous
area.
Digital signals are superimposed on the analog values at the field side or control side and are transferred bi-directionally.
The current is transferred via a DC/DC converter and repeated at the output terminals.
An open field circuit presents a high impedance to the control side to allow alarm conditions to be monitored by the control system.
Test sockets for the connection of HART communicators are integrated into the terminals of the device.
Connection
1+
2-
Zone 2
Div. 2
24 V DC
9+
10-
Power Rail
24V DC
Zone 0, 1, 2
Div. 1, 2
KCD2-SCD-Ex1.SP
5-
6+
mA
Technical Data
General specifications
Signal type
Analog output
Functional safety related parameters
Safety Integrity Level (SIL)
SIL 2
Supply
Connection
Power Rail or terminals 9+, 10-
Rated voltage
Ur
19 ... 30 V DC
Ripple
≤ 10 %
Rated current
Ir
≤ 30 mA at 24 V
Power dissipation
≤ 600 mW at 20 mA and 500 Ω load
1
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com


Similar Part No. - KCD2-SCD-EX1.SP

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
KCD2-SCD-EX1.ES PF-KCD2-SCD-EX1.ES Datasheet
959Kb / 4P
SMART Current Driver
KCD2-SCD-EX1.ES.SP PF-KCD2-SCD-EX1.ES.SP Datasheet
931Kb / 4P
SMART Current Driver
More results

Similar Description - KCD2-SCD-EX1.SP

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
HIC2031 PF-HIC2031 Datasheet
917Kb / 4P
SMART Current Driver
HIC2031ES PF-HIC2031ES Datasheet
822Kb / 4P
SMART Current Driver
HIC2031HC PF-HIC2031HC Datasheet
695Kb / 4P
SMART Current Driver
HID2038 PF-HID2038 Datasheet
863Kb / 5P
SMART Current Driver
KCD2-SCD-1.SP PF-KCD2-SCD-1.SP Datasheet
814Kb / 3P
SMART Current Driver
KCD2-SCD-EX1.ES.SP PF-KCD2-SCD-EX1.ES.SP Datasheet
931Kb / 4P
SMART Current Driver
KCD2-SCD-EX1.ES PF-KCD2-SCD-EX1.ES Datasheet
959Kb / 4P
SMART Current Driver
KCD2-SCD-EX1 PF-KCD2-SCD-EX1 Datasheet
961Kb / 4P
SMART Current Driver
KFD2-SCD2-EX1.LK PF-KFD2-SCD2-EX1.LK Datasheet
1Mb / 5P
SMART Current Driver
KFD2-SCD2-EX2.LK PF-KFD2-SCD2-EX2.LK Datasheet
1Mb / 5P
SMART Current Driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com