Electronic Components Datasheet Search
  English  ▼

X  

GDZJ Datasheet(PDF) 1 Page - DAESAN ELECTRONIC CORP.

Part # GDZJ
Description  0.5W SILICON PLANAR ZENER DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

GDZJ Datasheet(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  GDZJ Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. GDZJ Datasheet HTML 2Page - DAESAN ELECTRONIC CORP. GDZJ Datasheet HTML 3Page - DAESAN ELECTRONIC CORP. GDZJ Datasheet HTML 4Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
0.5W SILICON PLANAR
ZENER DIODES
Features
Mechanical Data
· Standards zener voltage tolerance is ±20%.Add suffix "A"
for ±10% tolerance and suffix "B" for ±5% tolerance
other tolerance, non standards and higher zener voltage
upon request
· Case : DO-35 glass case
· Polarity : Color band denotes cathode end
· Weight : Approx. 0.13 gram
Absolute Maximum Ratings (Limiting Values)
(TA=25℃)
Dimensions in inches and (millimeters)
DO-35(GLASS)
1.083(27.5)
MIN.
1.083(27.5)
MIN.
0.154(3.9)
MAX.
0.020(0.52)
MAX.
DIA.
0.075(1.9)
MAX.
DIA.
Symbol
Value
Unit
Zener Current see Table "Characteristics"
Power Dissipation at Tamb=25。
Ptot
500*
mW
Junction Temperature
Tj
175
。
Storage Temperature Range
Ts
-65 to +175
。
*Valid provided that leads at a distance of 10mm from case are kept at ambient temperature.
Cases: DO-34,DO-35 Molded Glass
Characteristic at Tamb=25。
Symbol
Min.
Typ.
Max.
Unit
Thermal Resistance
RthA
_
_
0.3*
K/mW
Junction to Ambient Air
Forward Voltage
VF
_
_
1
V
at IF=100mA
*Valid provided that leads at a distance of 10mm from case are kept at ambient temperature.
GDZ J-SERIES ZENER DIODES


Similar Part No. - GDZJ

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GDZJ10 PANJIT-GDZJ10 Datasheet
146Kb / 5P
AXIAL LEAD ZENER DIODES
logo
Diotech Company.
GDZJ10 DIOTECH-GDZJ10 Datasheet
1Mb / 5P
500mW EPITAXIAL ZENER DIODE
logo
Pan Jit International I...
GDZJ10A PANJIT-GDZJ10A Datasheet
92Kb / 4P
AXIAL LEAD ZENER DIODES
logo
Frontier Electronics.
GDZJ10A FRONTIER-GDZJ10A Datasheet
123Kb / 4P
500m WATT ZENER DIODE
logo
Formosa MS
GDZJ10A FORMOSA-GDZJ10A Datasheet
339Kb / 4P
Zener diode
More results

Similar Description - GDZJ

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
1N5221THRU1N5281 CHENYI-1N5221THRU1N5281 Datasheet
66Kb / 4P
0.5W SILICON PLANAR ZENER DIODES
1N957THRU1N978 CHENYI-1N957THRU1N978 Datasheet
46Kb / 2P
0.5W SILICON PLANAR ZENER DIODES
BZX97 CHENYI-BZX97 Datasheet
37Kb / 2P
0.5W SILICON PLANAR ZENER DIODES
BZX55 CHENYI-BZX55 Datasheet
116Kb / 4P
0.5W SILICON PLANAR ZENER DIODES
logo
DAESAN ELECTRONIC CORP.
1N5221A DAESAN-1N5221A Datasheet
352Kb / 4P
0.5W SILICON PLANAR ZENER DIODES
logo
Jinan Jingheng (Group) ...
1N746 JINANJINGHENG-1N746 Datasheet
99Kb / 2P
0.5W SILICON PLANAR ZENER DIODES
1N5221 JINANJINGHENG-1N5221 Datasheet
383Kb / 4P
0.5W SILICON PLANAR ZENER DIODES
logo
Micro Commercial Compon...
DL957B MCC-DL957B Datasheet
93Kb / 3P
0.5W Silicon Planar Zener Diodes
logo
Jinan Jingheng (Group) ...
MM1Z2V0 JINANJINGHENG-MM1Z2V0 Datasheet
538Kb / 4P
0.5W SILICON PLANAR ZENER DIODES
ZMM5221 JINANJINGHENG-ZMM5221 Datasheet
221Kb / 3P
0.5W SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com