Electronic Components Datasheet Search
  English  ▼

X  

GDZJ Datasheet(PDF) 2 Page - DAESAN ELECTRONIC CORP.

Part # GDZJ
Description  0.5W SILICON PLANAR ZENER DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

GDZJ Datasheet(HTML) 2 Page - DAESAN ELECTRONIC CORP.

  GDZJ Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. GDZJ Datasheet HTML 2Page - DAESAN ELECTRONIC CORP. GDZJ Datasheet HTML 3Page - DAESAN ELECTRONIC CORP. GDZJ Datasheet HTML 4Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GDZ J-SERIES ZENER DIODES
Vz (V)
IZ
If
Vf(V)
VR IR(uA)
Izt
Zzt(W)
Izk
Zzk(W)
MIN MAX (mA) (mA)
MIN MAX (V)
MAX (mA) MAX
(mA)
MAX
A
1.88
2.10
B
2.02
2.20
A
2.12
2.30
B
2.22
2.41
A
2.33
2.52
B
2.43
2.63
A
2.54
2.75
B
2.69
2.91
A
2.85
3.07
B
3.01
3.22
A
3.16
3.38
B
3.32
3.53
A
3.46
3.69
B
3.60
3.84
A
3.74
4.01
B
3.89
4.16
A
4.04
4.29
B
4.17
4.43
C
4.30
4.57
A
4.44
4.68
B
4.55
4.80
C
4.68
4.93
A
4.81
5.07
B
4.94
5.20
C
5.09
5.37
A
5.28
5.55
B
5.45
5.73
C
5.61
5.91
A
5.78
6.09
B
5.96
6.27
C
6.12
6.44
A
6.29
6.63
B
6.49
6.83
C
6.66
7.01
A
6.85
7.22
B
7.07
7.45
C
7.29
7.67
20
0.5
120
1.0
4.0
0.5
5
GDZ J 7.5
5
100
0.2
5
20
0.5
150
60
1
300
GDZ J 6.8
5
100
0.2
1.0
3.5
2
1.0
3.0
5
5
GDZ J 6.2
5
100
0.2
5
60
1
500
80
1
800
GDZ J 5.6
5
100
0.2
1.0
2.5
5
1.0
1.5
5
5
GDZ J 5.1
5
100
0.2
5
90
1
900
100
1
1000
GDZ J 4.7
5
100
0.2
1.0
1.0
5
1.0
1.0
5
5
GDZ J 4.3
5
100
0.2
5
100
1
1000
100
1
1000
GDZ J 3.9
5
100
0.2
1.0
1.0
5
1.0
1.0
10
5
GDZ J 3.6
5
100
0.2
5
120
0.5
1000
120
0.5
1000
GDZ J 3.3
5
100
0.2
1.0
1.0
20
1.0
1.0
50
5
GDZ J 3.0
5
100
0.2
5
110
0.5
1000
100
0.5
1000
GDZ J 2.7
5
100
0.2
1.0
1.0
100
1.0
1.0
120
5
GDZ J 2.4
5
100
0.2
5
100
0.5
1000
100
0.5
1000
GDZ J 2.2
5
100
0.2
1.0
0.7
100
1.0
0.5
120
5
GDZ J 2.0
5
100
0.2
SPEC.
CLASS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com