Electronic Components Datasheet Search
  English  ▼

X  

GDZJ Datasheet(PDF) 3 Page - DAESAN ELECTRONIC CORP.

Part # GDZJ
Description  0.5W SILICON PLANAR ZENER DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

GDZJ Datasheet(HTML) 3 Page - DAESAN ELECTRONIC CORP.

  GDZJ Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. GDZJ Datasheet HTML 2Page - DAESAN ELECTRONIC CORP. GDZJ Datasheet HTML 3Page - DAESAN ELECTRONIC CORP. GDZJ Datasheet HTML 4Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
GDZ J-SERIES ZENER DIODES
A
7.53
7.92
B
7.78
8.19
C
8.03
8.45
A
8.29
8.73
B
8.57
9.01
C
8.83
9.30
A
9.12
9.59
B
9.41
9.90
C
9.70 10.20
D
9.94 10.44
A
10.18 10.71
B
10.50 11.05
C
10.82 11.38
A
11.13 11.71
B
11.44 12.03
C
11.74 12.35
A
12.11 12.75
B
12.55 13.21
C
12.99 13.66
A
13.44 14.13
B
13.89 14.62
C
14.35 15.09
A
14.80 15.57
B
15.25 16.04
C
15.69 16.51
A
16.22 17.06
B
16.82 17.70
C
17.42 18.33
A
18.02 18.96
B
18.63 19.59
C
19.23 20.22
D
19.72 20.72
A
20.15 21.20
B
20.64 21.71
C
21.08 22.17
D
21.52 22.63
A
22.05 23.18
B
22.61 23.77
C
23.12 24.31
D
23 63 24 85
45
0.5
200
1.0
19.0
0.2
5
GDZ J 24
5
100
0.2
5
30
0.5
200
55
0.5
200
GDZ J 22
5
100
0.2
1.0
17.0
0.2
1.0
15.0
0.2
5
GDZ J 20
5
100
0.2
5
45
0.5
150
40
0.5
150
GDZ J 18
5
100
0.2
1.0
13.0
0.2
1.0
12.0
0.2
5
GDZ J 16
5
100
0.2
5
40
0.5
110
35
0.5
110
GDZ J 15
5
100
0.2
1.0
11.0
0.2
1.0
10.0
0.2
5
GDZ J 13
5
100
0.2
5
30
0.5
110
30
0.5
120
GDZ J 12
5
100
0.2
1.0
9.0
0.2
1.0
8.0
0.2
5
GDZ J 11
5
100
0.2
5
30
0.5
120
25
0.5
120
GDZ J 10
5
100
0.2
1.0
7.0
0.2
1.0
6.0
0.5
5
GDZ J 9.1
5
100
0.2
5
20
0.5
120
GDZ J 8.2
5
100
0.2
1.0
5.0
0.5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com