Electronic Components Datasheet Search
  English  ▼

X  

AD4680 Datasheet(PDF) 10 Page - Analog Devices

Part # AD4680
Description  Differential Input, Quad,14-Bit, Simultaneous Sampling, SAR ADC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4680 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD4680 Datasheet HTML 6Page - Analog Devices AD4680 Datasheet HTML 7Page - Analog Devices AD4680 Datasheet HTML 8Page - Analog Devices AD4680 Datasheet HTML 9Page - Analog Devices AD4680 Datasheet HTML 10Page - Analog Devices AD4680 Datasheet HTML 11Page - Analog Devices AD4680 Datasheet HTML 12Page - Analog Devices AD4680 Datasheet HTML 13Page - Analog Devices AD4680 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
AD7381-4
Data Sheet
Rev. 0 | Page 10 of 31
TYPICAL PERFORMANCE CHARACTERISTICS
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
0
0.2
0.4
0.6
0.8
1.0
FREQUENCY (MHz)
SNR = 84.9dB
THD = –110.3dB
SNRD = 84.9dB
fIN = 1kHz
Figure 10. Fast Fourier Transform (FFT), 1 kHz Input Tone, −0.5 dBFS, Internal
Reference = 2.5 V
–160
–140
–120
–100
–80
–60
–40
–20
0
0
0.2
0.4
0.6
0.8
1.0
FREQUENCY (MHz)
SNR = 92.82dB
THD = –104.6dB
SNRD = 92.5dB
fIN = 1kHz
Figure 11. FFT, 1 kHz Input Tone, −0.5 dBFS, External Reference = 3.3 V
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
–8000
–6000
–4000
–2000
0
2000
4000
6000
8000
CODE
Figure 12. INL vs. Code
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
–8000
–6000
–4000
–2000
0
2000
4000
6000
8000
CODE
Figure 13. DNL vs. Code
13543
0
40000
80000
120000
160000
200000
240000
280000
–4
–3
–2
–1
0
1
2
3
4
CODE
249256
AINx+ = AINx– = VREF/2
262799 SAMPLES
Figure 14. Code Histogram
70
76
74
72
82
80
78
84
86
88
1
10
100
1000
FREQUENCY (kHz)
VREF = 2.5V (EXTERNAL)
VREF = 3.3V (EXTERNAL)
Figure 15. SNR vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com