Electronic Components Datasheet Search
  English  ▼

X  

AD4680 Datasheet(PDF) 15 Page - Analog Devices

Part # AD4680
Description  Differential Input, Quad,14-Bit, Simultaneous Sampling, SAR ADC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4680 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD4680 Datasheet HTML 11Page - Analog Devices AD4680 Datasheet HTML 12Page - Analog Devices AD4680 Datasheet HTML 13Page - Analog Devices AD4680 Datasheet HTML 14Page - Analog Devices AD4680 Datasheet HTML 15Page - Analog Devices AD4680 Datasheet HTML 16Page - Analog Devices AD4680 Datasheet HTML 17Page - Analog Devices AD4680 Datasheet HTML 18Page - Analog Devices AD4680 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
Data Sheet
AD7381-4
Rev. 0 | Page 15 of 31
ADC TRANSFER FUNCTION
The AD7381-4 uses a 2.5 V to 3.3 V reference. The AD7381-4
converts the differential voltage of the analog inputs (AINx+ and
AINx−) into a digital output.
The conversion result is MSB first, twos complement. The LSB
size is (2 × VREF)/2N, where N is the ADC resolution. The ADC
resolution is determined by the resolution of the device chosen
and if resolution boost mode is enabled. Table 9 outlines the
LSB size expressed in microvolts for different resolutions and
reference voltage options.
The ideal transfer characteristic of the AD7381-4 is shown in
Figure 30.
011...111
ANALOG INPUT
+FSR – 1.5LSB
+FSR – 1LSB
–FSR + 1LSB
–FSR
–FSR + 0.5LSB
011...110
011...101
100...010
100...001
100...000
Figure 30. ADC Ideal Transfer Function (FSR = Full-Scale Range)
Table 9. LSB Size
Resolution
(Bits)
2.5 V Reference
(µV)
3.3 V Reference
(µV)
14
305.2
402.8
16
76.3
100.7
VREF
AINx+
AINx+–
0V
VCM
VREF
0V
VCM
C1
0.1µF
1µF
1µF
R
C1
100Ω
AINA+
VLOGIC
SDI
SDOA
SDOB
SCLK
CS
REGCAP
REFCAP
GND
VCC
REFIO
AINC+
AINA+–
AINC–
AIND+
AIND–
DIGITAL HOST
(MICROPROCESSOR/FPGA)
EXPOSED
PAD
AD7381-4
100Ω
C2
R
VCM = VREF ÷ 2
VREF = 2.5V TO 3.3V
3.0V TO 3.6V
1.65V TO 3.6V
V–
V+
V–
V+
V+
V–
V+ = 5V
V+
10k
Ω
REF
LDO
LDO
1µF
1µF
10k
Ω
LDO
NOTES
1. V– IS THE EXTERNAL SUPPLY VOLTAGE (–2.5 V) FOR THE DRIVER AMPLIFIER.
2. PLACE DECOUPLING CAPACITORS CLOSE TO (IDEALLY, RIGHT UP AGAINST)
THE DEVICE SUPPLY PINS AND REFERENCE PIN.
Figure 31. Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com