Electronic Components Datasheet Search
  English  ▼

X  

AD4680 Datasheet(PDF) 3 Page - Analog Devices

Part # AD4680
Description  Differential Input, Quad,14-Bit, Simultaneous Sampling, SAR ADC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4680 Datasheet(HTML) 3 Page - Analog Devices

  AD4680 Datasheet HTML 1Page - Analog Devices AD4680 Datasheet HTML 2Page - Analog Devices AD4680 Datasheet HTML 3Page - Analog Devices AD4680 Datasheet HTML 4Page - Analog Devices AD4680 Datasheet HTML 5Page - Analog Devices AD4680 Datasheet HTML 6Page - Analog Devices AD4680 Datasheet HTML 7Page - Analog Devices AD4680 Datasheet HTML 8Page - Analog Devices AD4680 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
Data Sheet
AD7381-4
Rev. 0 | Page 3 of 31
SPECIFICATIONS
VCC = 3.0 V to3.6 V, VLOGIC = 1.65 V to 3.6 V, reference voltage (VREF) = 2.5 V, fSAMPLE = 4 MSPS, TA = −40°C to +125°C, no oversampling
enabled, unless otherwise noted.
Table 2.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
RESOLUTION
14
Bits
THROUGHPUT
Conversion Rate (fSAMPLE)
4
MSPS
ANALOG INPUT
Voltage Range
AINx+ − AINx−
−VREF
+VREF
V
Absolute Input Voltage
AINx+, AINx−
−0.1
VREF + 0.1
V
Common-Mode Input Range
AINx+, AINx−
0.2
VREF × 0.5
VREF − 0.2
V
Analog Input Common-Mode Rejection Ratio
(CMRR)
fIN = 500 kHz
−76
dB
DC Leakage Current
0.1
1
µA
Input Capacitance
Track mode
18
pF
Hold mode
5
pF
DC ACCURACY
No Missing Codes
14
Bits
Differential Nonlinearity (DNL) Error
−1
±0.7
+1
LSB
Integral Nonlinearity (INL) Error
−1
±0.4
+1
LSB
VREF = 2.5 V (internal), 2 MSPS
−1.5
±0.4
+1.5
LSB
Gain Error
−0.025
±0.006
+0.025
% FS
Gain Error Temperature Drift
−1
±0.2
+1
ppm/°C
Gain Error Match
−0.025
±0.005
+0.025
% FS
Zero Error
−3
±0.25
+3
LSB
Zero Error Temperature Drift
−3
±0.5
+3
µ
V/°C
Zero Error Match
−1. 5
±0.25
+1.5
mV
AC ACCURACY
fIN = 1 kHz
Dynamic Range
85.4
dB
Oversampled Dynamic Range
OSR = 4×, RES = 1 (decimal)
91.3
dB
Signal-to-Noise Ratio (SNR)
VREF = 3.3 V, 4 MSPS
84.5
85.3
dB
VREF = 2.5 V (internal), 2 MSPS
83.5
85
dB
Rolling average OSR = 8×, RES = 1 (decimal)
90.6
dB
fIN = 100 kHz
84.4
dB
Spurious-Free Dynamic Range (SFDR)
−109
dB
Total Harmonic Distortion (THD)
−110
dB
fIN = 100 kHz
−103.2
dB
Signal-to-Noise-and-Distortion (SINAD) Ratio
VREF = 3.3 V
84
84.8
dB
83.5
84.5
dB
Channel to Channel Isolation
−126
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com